Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV844MT/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMV844MT/NOPB
Description  LMV84x CMOS Input, RRIO, Low Power, Wide Supply Range, 4.5-MHz Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV844MT/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV844MT/NOPB Datasheet HTML 7Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 8Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 9Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 10Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 11Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 12Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 13Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 14Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
ILOAD (mA)
0.5
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
0
5
10
15
20
25
30
-40°C
-40°C
SINK
SOURCE
25°C
25°C
125°C
125°C
85°C
85°C
VS = 3.3V, 5.0V, +/-5V
FREQUENCY (Hz)
60
40
20
0
-20
130
90
50
10
-30
10k
100k
1M
10M
-40°C
125°C
-40°C
PHASE
125°C
GAIN
CL = 20 pF
SUPPLY VOLTAGE (V)
150
140
130
120
110
100
90
80
70
60
50
2
4
6
8
10
12
14
-40°C
25°C
85°C
125°C
RL = 2 k:
SUPPLY VOLTAGE (V)
75
70
65
60
55
50
45
40
35
30
25
2
4
6
8
10
12
14
-40°C
25°C
85°C
125°C
RL = 10 k:
SUPPLY VOLTAGE (V)
135
125
115
105
95
85
75
65
55
45
35
2
4
6
8
10
12
14
-40°C
25°C
85°C
125°C
RL = 2 k:
SUPPLY VOLTAGE (V)
65
60
55
50
45
40
35
30
25
20
15
2
4
6
8
10
12
14
-40°C
25°C
85°C
125°C
RL = 10 k:
11
LMV841, LMV842, LMV844
LMV841-Q1, LMV842-Q1, LMV844-Q1
www.ti.com
SNOSAT1H – OCTOBER 2006 – REVISED JULY 2016
Product Folder Links: LMV841 LMV842 LMV844 LMV841-Q1 LMV842-Q1 LMV844-Q1
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, RL = 10 kΩ, VS = 5 V. Unless otherwise specified.
Figure 13. Output Swing High vs Supply Voltage RL = 2 kΩ
Figure 14. Output Swing High vs Supply Voltage RL = 10 kΩ
Figure 15. Output Swing Low vs Supply Voltage RL = 2 kΩ
Figure 16. Output Swing Low vs Supply Voltage RL = 10 kΩ
Figure 17. Output Voltage Swing vs Load Current
Figure 18. Open-Loop Frequency Response Over
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com