Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV844MT/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMV844MT/NOPB
Description  LMV84x CMOS Input, RRIO, Low Power, Wide Supply Range, 4.5-MHz Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV844MT/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV844MT/NOPB Datasheet HTML 9Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 10Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 11Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 12Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 13Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 14Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 15Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 16Page - Texas Instruments LMV844MT/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
CLOAD (pF)
10
100
1000
0
10
20
30
40
50
f = 250 kHz
AV = +1
VIN = 200 mVPP
±5V
5.0V
3.3V
FREQUENCY (Hz)
100
10
10
100
1k
10k
100k
3.3V
5.0V
±5V
50
20
400 ns/DIV
f = 250 kHz
AV = +10
VIN = 10 mVPP
CL = 20 pF
SUPPLY VOLTAGE (V)
3.0
2.5
2.0
1.5
1.0
2
4
6
8
10
12
FALLING EDGE
RISING EDGE
AV = +1
VIN = 2 VPP
RL = 10 k
CL = 20 pF
400 ns/DIV
f = 250 kHz
AV = +10
VIN = 100 mVPP
CL = 20 pF
400 ns/DIV
f = 250 kHz
AV = +1
VIN = 200 mVPP
CL = 20 pF
13
LMV841, LMV842, LMV844
LMV841-Q1, LMV842-Q1, LMV844-Q1
www.ti.com
SNOSAT1H – OCTOBER 2006 – REVISED JULY 2016
Product Folder Links: LMV841 LMV842 LMV844 LMV841-Q1 LMV842-Q1 LMV844-Q1
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, RL = 10 kΩ, VS = 5 V. Unless otherwise specified.
Figure 25. Large Signal Step Response With Gain = 10
Figure 26. Small Signal Step Response With Gain = 1
Figure 27. Small Signal Step Response With Gain = 10
Figure 28. Slew Rate vs Supply Voltage
Figure 29. Overshoot vs CL
Figure 30. Input Voltage Noise vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com