Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 183 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 183 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 179Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 180Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 181Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 182Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 183Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 184Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 185Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 186Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 187Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
7.13 Host-Port Interface (HPI) Peripheral
7.13.1 HPI Device-Specific Information
The C6472 device includes a user-configurable 16-bit host-port interface (HPI16).
A host processor uses HPI to access internal registers and C6472 memory or external memory through
the C6472 DDR2 EMIF. This accessibility may be useful for initializing the device in connection with the
host boot mode and reading internal memory in connection with a software failure. Software handshaking,
via the HRDY bit of the HPI control register (HPIC), is not supported on the C6472 device. For details
about the HPI registers and their modes, see the TMS320C6472/TMS320TCI6486 DSP Host Port
Interface (HPI) User's Guide (literature number SPRUEG1).
7.13.2 HPI Peripheral Register Descriptions
Table 7-53 discusses access to the HPI registers from the C6472 C64x+ megamodules.
Table 7-53. HPI Control Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
0288 0000
HPIPID
HPI Peripheral ID Register
PWREMU_MGMT has both
0288 0004
PWREMU_MGMT
HPI Power and Emulation Management Register
Host/CPU read/write access.
0288 0008 - 0288 002C
-
Reserved
The Host has read/write
access to the HPIC register.
0288 0030
HPIC
HPI Control Register
The CPU has primarily read
access to the HPIC
register.(1)
0288 0034
HPID
Data register
The Host has read/write
access to the HPIA registers.
The CPU has only read
0288 0038
HPIAR/HPIAW(2)
HPI Address Registers
access to the HPIA registers.
0288 003C - 0289 FFFC
-
Reserved
(1)
The CPU can write 1 to the HINT bit to generate an interrupt to the host and it can write 1 to the DSPINT bit to clear/acknowledge an
interrupt from the host.
(2)
There are two 32-bit HPIA registers: HPIAR for read operations and HPIAW for write operations. The HPI can be configured such that
HPIAR and HPIAW act as a single 32-bit HPIA (single-HPIA mode) or as two separate 32-bit HPIAs (dual-HPIA mode) from the
perspective of the host. The CPU can access HPIAW and HPIAR independently. For details about the HPIA registers and their modes,
see the TMS320C6472/TMS320TCI6486 DSP Host Port Interface (HPI) User
's Guide (literature number SPRUEG1).
7.13.3 Host Access to HPI
The host-port interface pins comprise a multiplexed access to the HPI module that contains the registers
described in Table 7-53. This external interface can only directly access the HPIC, HPID, and the two
HPIA registers. The select lines, HCNTL[1:0], are used to determine which of these registers is being
accessed. The remaining control lines, HR/W and HHWIL, qualify the external accesses and the strobes,
HCS, HDS1, and HDS2, latch data into the HPI registers. Optionally, HAS can be used to latch the select
and control inputs.
Write and read accesses to these HPI registers initiate DMA-like transfers within the DSP. The HRDY
(host ready) output from the HPI must be monitored to determine when a requested access is complete
before initiating the next access. Since the HPI module operates on the CPU/6 clock, these access cycles
are slow when PLL1 is in bypass mode; i.e., at the beginning of host boot mode. HPI accesses are used
to configure PLL1 to shorten these cycles.
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
183
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com