Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 185 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 185 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 181Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 182Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 183Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 184Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 185Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 186Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 187Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 188Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 189Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
Table 7-55. Switching Characteristics Over Recommended Operating Conditions for
Host-Port Interface Cycles(1)(2)(3)
(see Figure 7-41 through Figure 7-44)
500/625/700
NO.
PARAMETER
UNIT
MIN
MAX
Case 1. HPIC or HPIA read
3
20
Case 2. HPID read with no
17 * M + 20
auto-increment
Delay time, HSTROBE low to
Case 3. HPID read with auto-increment
1
td(HSTBL-HDV)
ns
16 * M + 20
DSP data valid
and read FIFO initially empty
Case 4. HPID read with auto-increment
and data previously prefetched into the
3
20
read FIFO
2
tdis(HSTBH-HDV)
Disable time, HD high-impedance from HSTROBE high
1
12
ns
3
ten(HSTBL-HD)
Enable time, HD driven from HSTROBE low
2
20
ns
4
td(HSTBL-HRDYH)
Delay time, HSTROBE low to HRDY high
20
ns
5
td(HSTBH-HRDYH)
Delay time, HSTROBE high to HRDY high
20
ns
Case 1. HPID read with no
18 * M + 20
auto-increment
Delay time, HSTROBE low to
6
td(HSTBL-HRDYL)
ns
HRDY low
Case 2. HPID read with auto-increment
17 * M + 20
and read FIFO initially empty
7
td(HDV-HRDYL)
Delay time, HD valid to HRDY low
0
ns
Case 1. HPIA write
5 * M + 20
Delay time, HSTROBE high to
34
td(DSH-HRDYL)
ns
Case 2. HPID write with no
HRDY low
5 * M + 20
auto-increment
Delay time, HSTROBE low to HRDY low for HPIA write and FIFO not
35
td(HSTBL-HRDYL)
40 * M + 20
ns
empty
36
td(HASL-HRDYH)
Delay time, HAS low to HRDY high
20
ns
(1)
M = HPI module clock period = 6 * CPU clock period or 12 ns at 500 MHz. (This duration will be much longer when PLL1 is in bypass
mode.)
(2)
HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT(HDS1 XOR HDS2)] OR HCS.
(3)
Maximum delays for 1 (cases 2 and 3), 6, 34, and 35 assume no conflict with SCR. The true maximum delay during application
execution is dependent on internal congestion delays. HRDY must be used to guarantee valid cycle completion.
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
185
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com