Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 215 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 215 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 211Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 212Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 213Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 214Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 215Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 216Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 217Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 218Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 219Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 269 page
background image
ts127-2
ts127-0
ts127-1
ts000-7
ts000-6
ts000-1
ts000-3
ts000-5
ts000-4
ts000-2
ts000-0
16
15
11
13
12
CLKA/B
FSA/B
TRn
(A)
TXn
(A)
17
18
19
20
ts127-2
ts000-3
ts000-7
ts127-1
ts127-0
ts000-5
ts000-6
ts000-4
ts000-0
ts000-2
ts000-1
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
Table 7-99. Timing Requirements for TSIP 1X Mode(1)
(see Figure 7-46)
500/625/700
NO.
UNIT
MIN
MAX
11
tc(CLK)
Cycle time, CLK rising edge to next CLK rising edge
122.1(2)
ns
12
tw(CLKL)
Pulse duration, CLK low
0.4 tc(clk)
ns
13
tw(CLKH)
Pulse duration, CLK high
0.4 tc(clk)
ns
14
tt(CLK)
Transition time, CLK high to low or CLK low to high
2
ns
15
tsu(FS-CLK)
Setup time, fs valid before rising CLK
5
ns
16
th(CLK-FS)
Hold time, fs valid after rising CLK
5
ns
17
tsu(TR-CLK)
Setup time, tr valid before falling CLK
5
ns
18
th(CLK-TR)
Hold time, tr valid before falling CLK
5
ns
19
td(CLKH-TX)
Delay time, CLK high to TX valid (1024(2) clock cycles plus)
1
12
ns
20
tdis(CLKH-TXZ)
Disable time, CLK high to TX tristate
1
12
ns
(1)
Polarities of XMTFSYNCP = 0b, XMTFCLKP = 0, XMTDCLKP = 0b, RCVFSYNCP = 0, RCVFCLKP = 0, RCVDCLKP = 1. If the polarity
of any of the signals is inverted, then the timing references of that signal are also inverted.
(2)
Timing shown is for 8.192 Mbps links. Timing for 16.384 Mbps and 32.768 Mbps links is 61 ns and 30.5 ns, respectively.
A.
Example timeslot numbering shown is for 8.192 Mbps links; 16.384 Mbps links have timeslots numbered 0 through
255 and 32.768 Mbps links have timeslots numbered 0 through 511. The data timing shown relative to the clock and
frame sync signals would require a RCVDATD=1023 and a XMTDATD=1023.
Figure 7-46. TSIP 1x Timing Diagram
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
215
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com