Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 216 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 216 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 212Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 213Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 214Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 215Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 216Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 217Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 218Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 219Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 220Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 269 page
background image
ConfigurationBus
DMA Memory
TransferController
PeripheralBus
EMACControlModule
EMACModule
MDIOModule
MDIOBus
EMAC/MDIO
Interrupt
Interrupt
Controller
EthernetBus
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
7.15 Ethernet MAC (EMAC)
The C6472 device contains two Ethernet Media Access Controller (EMAC) interfaces. Each EMAC
module provides an efficient interface between the C6472 DSP core processor and the networked
community. The EMAC supports 10Base-T (10 Mbits/second [Mbps]), and 100BaseTX (100 Mbps), in
either half- or full-duplex mode, and 1000BaseT (1000 Mbps) in full-duplex mode, with hardware flow
control and quality-of-service (QOS) support.
The EMAC module conforms to the IEEE 802.3-2002 standard, describing the
“Carrier Sense Multiple
Access with Collision Detection (CSMA/CD) Access Method and Physical Layer
” specifications. The IEEE
802.3 standard has also been adopted by ISO/IEC and re-designated as ISO/IEC 8802-3:2000(E).
One deviation from this standard, the EMAC module does not use the Transmit Coding Error signal
MTXER. Instead of driving the error pin when an underflow condition occurs on a transmitted frame, the
EMAC will intentionally generate an incorrect checksum by inverting the frame CRC, so that the
transmitted frame will be detected as an error by the network.
The EMAC control module is the main interface between the device core processor, the MDIO module,
and the EMAC module. The relationship between these three components is shown in Figure 7-47. The
EMAC control module contains the necessary components to allow the EMAC to make efficient use of
device memory, plus it controls device interrupts. The EMAC control module incorporates 8K-bytes of
internal RAM to hold EMAC buffer descriptors.
For more detailed information on the EMAC/MDIO, see the TMS320C6472/TMS320TCI6486 DSP
Ethernet Media Access Controller (EMAC)/Management Data Input/Output (MDIO) Module User's Guide
(literature number SPRUEF8).
Figure 7-47. EMAC, MDIO, and EMAC Control Modules
216
C64x+ Peripheral Information and Electrical Specifications
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com