Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5441APGF Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441APGF
Description  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441APGF Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS320VC5441APGF Datasheet HTML 26Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 27Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 28Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 29Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 30Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 31Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 32Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 33Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 91 page
background image
Functional Overview
30
December 1999 − Revised October 2008
SPRS122F
3.1.9 Multicore Reset Signals
The 5441 device includes five reset signals: A_RS, B_RS, C_RS, D_RS, and RESET. The A_RS, B_RS,
C_RS, and D_RS local reset signals function as the CPU reset signal for subsystem A, B, C, and D,
respectively. The RESET services as a global reset for the whole device.
The global reset (RESET) is a superset of local resets A_RS, B_RS, C_RS, and D_RS. The assertion of
RESET triggers all the local resets; however, none of the local resets triggers the global reset. The local reset
signals reset the state of the CPU registers and CPU memory-mapped peripheral registers, and upon release,
initiate the reset function. The global reset, RESET, resets the on-chip PLL and clears the watchdog timer flag
(WDFLAG) bit. The local reset signals are not able to reset the PLL or clear the WDFLAG.
The global reset (RESET) and local resets (x_RS) clears the program counter extension register (XPC) to zero
while the RESET instruction does not affect the XPC.
3.1.10
Device Bootload
The 5441 device supports an HPI boot sequence, which is used to download code while the DSP is in reset.
The external master holds the device in reset while it loads code to the on-chip memory of each subsystem,
subsystem selection is made by HPI_SEL1 and HPI_SEL2 signals. The host can release the 5441 from reset
by using either of the following methods.
•
If the x_RS (x = A, B, C, or D for subsystem A, B, C, or D, respectively) pins are held low while RESET
transitions from low to high, the reset of each subsystem will be controlled by the x_RS pins. When the
host has finished downloading code, it can drive x_RS high to release the cores from reset.
•
If the x_RS pins are held high while RESET transitions from low to high, the subsystems will stay in reset
until an HPI data write to address 0x2F occurs. This means the host can download code to subsystem
x and then release core x from reset by writing any data to core x’s address 0x2F via the HPI. The host
can then repeat the sequence for other cores. This mode allows the host to control 5441 reset without
additional hardware.
3.2
On-Chip Peripherals
All the C54x
 devices have the same CPU structure; however, they have different on-chip peripherals
connected to their CPUs. The on-chip peripheral options provided are:
•
DMA controller
•
16-bit host-port interface I/O ports
•
Multichannel buffered serial ports (McBSPs)
•
A hardware timer
•
A hardware watchdog timer
•
A software-programmable clock generator using a phase-locked loop (PLL)
•
General-purpose I/O
3.2.1 Direct Memory Access (DMA) Controller
The 5441 includes four 6-channel direct memory access (DMA) controllers for performing data transfers
independent of the CPU, one controller for each subsystem. The primary function of the 5441 DMA controller
is to provide code overlays and to manage data transfers between on-chip memory, the peripherals, and
off-chip host.
In the background of CPU operation, the 5441 DMA allows movement of data between internal program/data
memory and internal peripherals, such as the McBSPs and the HPI. Each subsystem has its own independent
DMA with six programmable channels, which allows for six different contexts for DMA operation. The HPI has
a dedicated auxiliary DMA channel. The remapped areas represent address aliasing for DMA accesses within
each subsystem. Figure 3−8 through Figure 3−11 illustrate the local DMA memory map of each subsystem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com