Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5441APGF Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441APGF
Description  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441APGF Datasheet(HTML) 78 Page - Texas Instruments

Back Button TMS320VC5441APGF Datasheet HTML 74Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 75Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 76Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 77Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 78Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 79Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 80Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 81Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 91 page
background image
Electrical Specifications
78
December 1999 − Revised October 2008
SPRS122F
Table 5−14. HPI16 Switching Characteristics
PARAMETER
MIN
MAX
UNIT
td(DSL-HDD) Delay time, DS low to HD driven†
3
20
ns
Case 1a: Memory accesses initiated immediately following a write
when DMAC is active in 16-bit mode and tw(DSH) was < 18H
32H+20 − tw(DSH)
ns
Case 1b: Memory accesses initiated by an autoincrement when
DMAC is active in 16-bit mode and tw(DSH) was < 18H
16H+20 − tw(DSH)
ns
Case 1c: Memory accesses not initiated by an autoincrement (or not
immediately following a write) when DMAC is active in 16-bit mode
16H+20
ns
Case 1d: Memory accesses initiated by an autoincrement when
DMAC is active in 16-bit mode and tw(DSH) was ≥ 18H
20
ns
Case 1e: Memory accesses initiated immediately following a write
when DMAC is active in 16-bit mode and tw(DSH) was < 26H
48H+20 − tw(DSH)
ns
Delay time, DS
low to HD valid
Case 1f: Memory access initiated by an autoincrement when DMAC
is active in 32-bit mode and tw(DSH) was < 26H
24H+20 − tw(DSH)
td(DSL-HDV1)
Delay time, DS
low to HD valid
for first word of
an HPI read
Case 1g: Memory access not initiated by an autoincrement (or not
immediately following a write) when DMAC is active in 32-bit mode
24H+20
ns
an HPI read
Case 1h: Memory access initiated by an autoincrement when DMAC
is active in 32-bit mode and tw(DSH) was ≥ 26H
20
Case 2a: Memory accesses initiated immediately following a write
when DMAC is active in 16-bit mode and tw(DSH) was < 10H
20H+20 − tw(DSH)
ns
Case 2b: Memory accesses initiated by an autoincrement when
DMAC is inactive and tw(DSH) was < 10H
10H+20 − tw(DSH)
Case 2c: Memory accesses not initiated by an autoincrement (or not
immediately following a write) when DMAC is inactive
10H+20
ns
Case 2d: Memory accesses initiated by an autoincrement when
DMAC is inactive and tw(DSH) was ≥ 10H
20
ns
Case 3: HPIC/HPIA reads
20
td(DSL-HDV2) Multiplexed reads with autoincrement. Prefetch completed.
3
20
ns
Delay time, DS
Memory accesses (or writes to the FETCH bit) when no DMA is
active
10H+5
td(DSH-HYH)
Delay time, DS
high to HRDY
high†
(writes
and
Memory accesses (or writes to the FETCH bit) with one or more
16-bit DMA channels active
16H+5
ns
td(DSH-HYH)
(writes
and
autoincrement
reads)
Memory accesses (or writes to the FETCH bit) with one or more
32-bit DMA channels active
24H+5
reads)
Writes to DSPINT and x_HINT‡
4H + 5
tv(HYH-HDV) Valid time, HD valid after HRDY high
6
ns
th(DSH-HDV)R Hold time, HD valid after DS rising edge, read†
0
10
ns
td(DSL-HYL) Delay time, DS low to HRDY low†
18
ns
td(DSH-HYL) Delay time, DS high to HRDY low†
18
ns
td(HSL-HYL) Delay time, HAS low to HRDY low, read
18
ns
† DS refers to either HCS or HDS, whichever is controlling the transfer. Refer to the TMS320C54x DSP Reference Set, Volume 5: Enhanced
Peripherals (literature number SPRU302) for information regarding logical operation of the HPI16. These timings are shown assuming that
HDS is the signal controlling the transfer.
‡ HRDY does not go low for other register accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com