Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5441APGF Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441APGF
Description  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441APGF Datasheet(HTML) 86 Page - Texas Instruments

Back Button TMS320VC5441APGF Datasheet HTML 82Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 83Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 84Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 85Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 86Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 87Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 88Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 89Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 91 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
13-Oct-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TMS320VC5441AGGU
ACTIVE
BGA
MICROSTAR
GGU
169
160
TBD
SNPB
Level-3-220C-168 HR
-40 to 100
DVC5441AGGU
TMS320VC5441APGF
ACTIVE
LQFP
PGF
176
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 100
320VC5441APGF
TMS
TMS320VC5441AZGU
ACTIVE
BGA
MICROSTAR
ZGU
169
160
Green (RoHS
& no Sb/Br)
SNAGCU
Level-3-260C-168 HR
-40 to 100
DVC5441AZGU
TMS320VC5441GGU
ACTIVE
BGA
MICROSTAR
GGU
169
160
TBD
SNPB
Level-3-220C-168 HR
0 to 85
DVC5441GGU
TMS320VC5441PGF
ACTIVE
LQFP
PGF
176
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
0 to 85
320VC5441PGF
TMS
TMS320VC5441ZGU
ACTIVE
BGA
MICROSTAR
ZGU
169
160
Green (RoHS
& no Sb/Br)
SNAGCU
Level-3-260C-168 HR
0 to 85
DVC5441ZGU
TNETV2840ENGGU
ACTIVE
BGA
MICROSTAR
GGU
169
TBD
SNPB
Level-3-220C-168 HR
0 to 85
DVC5441GGU
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com