Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5441APGF Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441APGF
Description  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441APGF Datasheet(HTML) 67 Page - Texas Instruments

Back Button TMS320VC5441APGF Datasheet HTML 63Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 64Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 65Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 66Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 67Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 68Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 69Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 70Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 91 page
background image
Electrical Specifications
67
December 1999 − Revised October 2008
SPRS122F
5.5
Clock Options
The frequency of the reference clock provided at the CLKIN pin can be divided by a factor of two or four to
generate the internal machine cycle. The selection of the clock mode is described in Section 3.2.6.
5.5.1 Divide-By-Two, Divide-By-Four, and Bypass Clock Options − PLL Disabled
The frequency of the reference clock provided at the CLKIN pin can be divided by a factor of two or four to
generate the internal machine cycle. The selection of the clock mode is described in Section 3.2.6.
Table 5−1 and Table 5−2 assume testing over recommended operating conditions and H = 0.5tc(CO) (see
Figure 5−2).
Table 5−1. Divide-By-Two, Divide-By-Four, and Bypass Clock Options Timing Requirements
MIN
MAX
UNIT
tc(CI)
Cycle time, CLKIN
20
†
ns
tf(CI)
Fall time, CLKIN
6
ns
tr(CI)
Rise time, CLKIN
6
ns
tw(CIL)
Pulse duration, CLKIN low
5
ns
tw(CIH) Pulse duration, CLKIN high
5
ns
† This device utilizes a fully static design and therefore can operate with tc(CI) approaching ∞. The device is characterized at frequencies
approaching 0 Hz.
Table 5−2. Divide-By-Two, Divide-By-Four, and Bypass Clock Options Switching Characteristics
PARAMETER
MIN
TYP
MAX
UNIT
tc(CO)
Cycle time, CLKOUT
7.5
2tc(CI)
†
ns
tc(CO)
Cycle time, CLKOUT − bypass mode
7.5
2tc(CI)
†
ns
td(CIH-CO)
Delay time, CLKIN high to CLKOUT high/low
2
7
11
ns
tf(CO)
Fall time, CLKOUT
1
ns
tr(CO)
Rise time, CLKOUT
1
ns
tw(COL)
Pulse duration, CLKOUT low
H−2
H−1
H
ns
tw(COH)
Pulse duration, CLKOUT high
H−2
H−1
H
ns
† This device utilizes a fully static design and therefore can operate with tc(CI) approaching ∞. The device is characterized at frequencies
approaching 0 Hz.
tr(CO)
tf(CO)
CLKOUT
CLKIN
tw(COL)
td(CIH-CO)
tf(CI)
tr(CI)
tc(CO)
tc(CI)
tw(COH)
tw(CIH)
tw(CIL)
Figure 5−2. External Divide-by-Two Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com