Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5441APGF Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441APGF
Description  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441APGF Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS320VC5441APGF Datasheet HTML 8Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 9Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 10Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 11Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 12Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 13Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 14Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 15Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 91 page
background image
Introduction
12
December 1999 − Revised October 2008
SPRS122F
2
Introduction
This section describes the main features of the TMS320VC5441 digital signal processor (DSP), lists the pin
assignments, and describes the function of each pin. This data manual also provides a detailed description
section, electrical specifications, parameter measurement information, and mechanical data about the
available packaging.
NOTE: This data manual is designed to be used in conjunction with the TMS320C54x
 DSP Functional
Overview (literature number SPRU307).
2.1
Description
The TMS320VC5441 fixed-point digital signal processor is a quad-core solution running at 532-MIPS
performance. The 5441 consists of four DSP subsystems with shared program memory. Each subsystem
consists of one TMS320C54x
 DSP core, 32K-word program/data DARAM, 64K-word data DARAM, three
multichannel buffered serial ports, DMA logic, one watchdog timer, one general-purpose timer, and other
miscellaneous circuitry.
The 5441 also contains a host-port interface (HPI) that allows the 5441 to be viewed as a memory-mapped
peripheral to a host processor.
Each subsystem has its separate program and data spaces, allowing simultaneous accesses to program
instructions and data. Two read operations and one write operation can be performed in one cycle. Instructions
with parallel store and application-specific instructions can fully utilize this architecture. Furthermore, data can
be transferred between program and data spaces. Such parallelism supports a powerful set of arithmetic,
logic, and bit-manipulation operations that can all be performed in a single machine cycle. The 5441 includes
the control mechanisms to manage interrupts, repeated operations, and function calls. In addition, the 5441
has a total of 256K words of shared program memory (128K words shared by subsystems A and B, and
another 128K words shared by subsystems C and D).
The 5441 is intended as a high-performance, low-cost, high-density DSP for remote data access or voice-over
IP subsystems. It is designed to maintain the current modem architecture with minimal hardware and software
impacts, thus maximizing reuse of existing modem technologies and development efforts.
The 5441 is offered in two temperature ranges and individual part numbers are shown below. (Please note
that the industrial temperature device part numbers do not follow the typical numbering tradition.)
Commercial temperature devices (0
°C to 85°C)
TMS320VC5441PGF532 (176-pin LQFP)
TMS320VC5441GGU532 (169-ball BGA)
Industrial temperature range devices (−40
°C to 100°C)
TMS320VC5441APGF532 (176-pin LQFP)
TMS320VC5441AGGU532 (169-ball BGA)
NOTE: Leading “x” in signal names identifies the subsystem; x = A, B, C, or D for subsystem A, B, C,
or D, respectively. Trailing “n” in signal names identifies the McBSP; n = 0, 1, or 2 for McBSP0, McBSP1,
or McBSP2, respectively.
TMS320C54x is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com