Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5441APGF Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441APGF
Description  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441APGF Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320VC5441APGF Datasheet HTML 9Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 10Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 11Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 12Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 13Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 14Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 15Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 16Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
Introduction
13
December 1999 − Revised October 2008
SPRS122F
2.2
Migration From the 5421 to the 5441
Customers who are migrating from the 5421 to the 5441 need to take into account the following differences
between the two devices.
•
The 5441 provides four cores in a 169-ball ball grid array (BGA) and a 176-pin low-profile quad flatpack
(LQFP).
•
The 5441 does not have a XIO interface for external memory connection.
•
Each subsystem includes a 32K-word DARAM program/data memory and a 64K-word DARAM data
memory.
•
The DMA has been changed and now provides no access to external memory.
•
The HPI and DMA memory maps have been changed to incorporate the new 5441 memory structure.
•
The 2K words of ROM on the 5421 is not implemented on the 5441.
•
The four McBSP1s and four McBSP2s have been internally multiplexed onto two sets of external pins.
•
The HPI_SEL1 and HPI_SEL2 pins on 5441 are used to facilitate HPI module selection among the four
subsystems.
•
The 5441 provides four watchdog timers (one per subsystem).
•
GPIO0 and GPIO1 pins are multiplexed with x_XF and x_BIO pins, respectively.
•
Only the global reset (RESET) will reset the PLL.
2.3
Pin Assignments
Figure 2−1 illustrates the ball locations for the 169-ball ball grid array (BGA) package and is used in
conjunction with Table 2−1 to locate signal names and ball grid numbers. Figure 2−2 illustrates the pin
locations for the 176-pin low-profile quad flatpack (LQFP); Table 2−2 lists each pin number and its associated
pin name for this package.
2.3.1 Pin Assignments for the GGU Package
G
A
D
B
C
E
F
H
J
L
K
M
N
5
13
2
4
6 7 8 9 1011 1213
Figure 2−1. 169-Ball GGU MicroStar BGA
 (Bottom View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com