Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC549 Datasheet(PDF) 28 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC549 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 24Page - Texas Instruments TMS320VC549 Datasheet HTML 25Page - Texas Instruments TMS320VC549 Datasheet HTML 26Page - Texas Instruments TMS320VC549 Datasheet HTML 27Page - Texas Instruments TMS320VC549 Datasheet HTML 28Page - Texas Instruments TMS320VC549 Datasheet HTML 29Page - Texas Instruments TMS320VC549 Datasheet HTML 30Page - Texas Instruments TMS320VC549 Datasheet HTML 31Page - Texas Instruments TMS320VC549 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 118 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
28
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
bootloader (continued)
The bootloader provided in the on-chip ROM of the ’548 and ’549 devices implements several enhanced
features. These include the addition of BSP and TDM boot modes. To accommodate these new boot modes,
the encoding of the boot-mode selection word has been modified.
For a detailed description of bootloader functionality, refer to the
TMS320C54x DSP Reference Set, Volume 4:
Applications Guide (literature number SPRU173). For a detailed description of the enhanced bootloader
functionality, refer to the
TMS320x548/’549 Bootloader Technical Reference.
on-chip peripherals
All the ’54x devices have the same CPU structure; however, they have different on-chip peripherals connected
to their CPUs. The on-chip peripheral options provided are:
D Software-programmable wait-state generator
D Programmable bank switching
D Parallel I/O ports
D Serial ports (standard, TDM, and BSP)
D A hardware timer
D A clock generator [with a multiple phase-locked loop (PLL) on ’549 devices]
software-programmable wait-state generators
Software-programmable wait-state generators can be used to extend external bus cycles up to seven machine
cycles to interface with slower off-chip memory and I / O devices. The software wait-state generators are
incorporated without any external hardware. For off-chip memory access, a number of wait states can be
specified for every 32K-word block of program and data memory space, and for one 64K-word block of I / O
space within the software wait-state (SWWSR) register.
programmable bank-switching
Programmable bank-switching can be used to insert one cycle automatically when crossing memory-bank
boundaries inside program memory or data memory space. One cycle can also be inserted when crossing from
program-memory space to data-memory space (’54x) or one program memory page to another program
memory page (’548 and ’549 only). This extra cycle allows memory devices to release the bus before other
devices start driving the bus; thereby avoiding bus contention. The size of memory bank for the bank-switching
is defined by the bank-switching control register (BSCR).
parallel I / O ports
Each ’54x device has a total of 64K I / O ports. These ports can be addressed by the PORTR instruction or the
PORTW instruction. The IS signal indicates a read / write operation through an I / O port. The devices can
interface easily with external devices through the I / O ports while requiring minimal off-chip address-decoding
circuits.
host-port interface (’542, ’545, ’548, and ’549 only)
The host-port interface (HPI) is an 8-bit parallel port used to interface a host processor to the DSP device.
Information is exchanged between the DSP device and the host processor through on-chip memory that is
accessible by both the host and the DSP device. The DSP devices have access to the HPI control (HPIC)
register and the host can address the HPI memory through the HPI address register (HPIA). HPI memory is a
2K-word DARAM block that resides at 1000h to 17FFh in data memory and can also be used as
general-purpose on-chip data or program DARAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com