Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC549 Datasheet(PDF) 47 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC549 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 43Page - Texas Instruments TMS320VC549 Datasheet HTML 44Page - Texas Instruments TMS320VC549 Datasheet HTML 45Page - Texas Instruments TMS320VC549 Datasheet HTML 46Page - Texas Instruments TMS320VC549 Datasheet HTML 47Page - Texas Instruments TMS320VC549 Datasheet HTML 48Page - Texas Instruments TMS320VC549 Datasheet HTML 49Page - Texas Instruments TMS320VC549 Datasheet HTML 50Page - Texas Instruments TMS320VC549 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 118 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
47
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Table 13. ’54x Instruction Set Opcodes
MNEMONIC SYNTAX
DESCRIPTION
WORDS/
†
OPCODE
MNEMONIC SYNTAX
DESCRIPTION
WORDS/
CYCLES†
MSB
LSB
ARITHMETIC INSTRUCTIONS
ABDST
Xmem, Ymem
Absolute distance
1/1
1110
0011
XXXX
YYYY
ABS
src [, dst ]
Absolute value of ACC
1/1
1111
01SD
1000
0101
ADD
Smem, src
Add operand to ACC
1/1
0000
000S
IAAA
AAAA
ADD
Smem, TS, src
Add (shifted by TREG[5:0]) operand to ACC
1/1
0000
010S
IAAA
AAAA
ADD
Smem, 16, src [, dst ]
Add (shifted by 16 bits) operand to ACC
1/1
0011
11SD
IAAA
AAAA
ADD
Smem [, SHIFT], src [, dst ]
Add shifted operand to ACC (2-word opcode)
2/2
0110
0000
1111
11SD
IAAA
000S
AAAA
HIFT
ADD
Xmem, SHFT, src
Add shifted operand to ACC
1/1
1001
000S
XXXX
SHFT
ADD
Xmem, Ymem, dst
Add dual operands, shift result by 16
1/1
1010
000D
XXXX
YYYY
ADD #
lk [, SHFT], src [, dst ]
Add shifted long-immediate value to ACC
2/2
1111
00SD
0000
SHFT
ADD #
lk, 16, src [, dst ]
Add (shifted by 16 bits) long-immediate to ACC
2/2
1111
00SD
0110
0000
ADD
src [, SHIFT], [, dst ]
Add ACC(s) (A / B), then shift result
1/1
1111
01SD
000S
HIFT
ADD
src, ASM [, dst ]
Add ACC(s) (A / B), then shift result by ASM value
1/1
1111
01SD
1000
0000
ADDC
Smem, src
Add to accumulator with carry
1/1
0000
011S
IAAA
AAAA
ADDM #
lk, Smem
Add long-immediate value to memory
2/2
0110
1011
IAAA
AAAA
ADDS
Smem, src
Add to ACC with sign-extension suppressed
1/1
0000
001S
IAAA
AAAA
DADD
Lmem, src [, dst ]
Double/dual add to accumulator
1/1
0101
00SD
IAAA
AAAA
DADST
Lmem, dst
Double/dual add/subtract of T, long operand
1/1
0101
101D
IAAA
AAAA
DELAY
Smem
Memory delay
1/1
0100
1101
IAAA
AAAA
DRSUB
Lmem, src
Double/dual 16-bit subtract from long word
1/1
0101
100S
IAAA
AAAA
DSADT
Lmem, dst
Double/dual, subtract/add of T, long operand
1/1
0101
111D
IAAA
AAAA
DSUB
Lmem, src
Double-precision/dual 16-bit subtract from ACC
1/1
0101
010S
IAAA
AAAA
DSUBT
Lmem, dst
Double/dual, subtract/subtract of T, long operand
1/1
0101
110D
IAAA
AAAA
EXP
src
Accumulator exponent
1/1
1111
010S
1000
1110
FIRS
Xmem, Ymem, pmad
Symmetrical finite impulse response filter
2/3
1110
0000
XXXX
YYYY
LMS
Xmem, Ymem
Least mean square
1/1
1110
0001
XXXX
YYYY
MAC[R]
Smem, src
Multiply by TREG, add to ACC, round if specified
1/1
0010
10RS
IAAA
AAAA
MAC[R]
Xmem, Ymem, src [, dst ]
Multiply dual, add to ACC, round if specified
1/1
1011
0RSD
XXXX
YYYY
MAC #
lk, src [, dst ]
Multiply TREG by long-immediate, add to ACC
2/2
1111
00SD
0110
0111
MAC
Smem, #lk, src [, dst ]
Multiply by long-immediate value, add to ACC
2/2
0110
01SD
IAAA
AAAA
MACA[R]
Smem [, B ]
Multiply by ACCA, add to ACCB [round]
1/1
0011
01R1
IAAA
AAAA
MACA[R] T,
src [, dst ]
Multiply TREG by ACCA, add to ACC [round]
1/1
1111
01SD
1000
100R
MACD
Smem, pmad, src
Multiply by program memory, accumulate/delay
2/3
0111
101S
IAAA
AAAA
MACP
Smem, pmad, src
Multiply by program memory, then accumulate
2/3
0111
100S
IAAA
AAAA
MACSU
Xmem, Ymem, src
Multiply signed by unsigned, then accumulate
1/1
1010
011S
XXXX
YYYY
MAS[R]
Smem, src
Multiply by T, subtract from ACC [round]
1/1
0010
11RS
IAAA
AAAA
† Values for words and cycles assume the use of DARAM for data. Add one word and one cycle when using long-offset indirect addressing or
absolute addressing with a single data-memory operand.
‡ Delayed Instruction
§ Condition true
¶ Condition false
instruction set summary (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com