Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC549 Datasheet(PDF) 74 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC549 Datasheet(HTML) 74 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 70Page - Texas Instruments TMS320VC549 Datasheet HTML 71Page - Texas Instruments TMS320VC549 Datasheet HTML 72Page - Texas Instruments TMS320VC549 Datasheet HTML 73Page - Texas Instruments TMS320VC549 Datasheet HTML 74Page - Texas Instruments TMS320VC549 Datasheet HTML 75Page - Texas Instruments TMS320VC549 Datasheet HTML 76Page - Texas Instruments TMS320VC549 Datasheet HTML 77Page - Texas Instruments TMS320VC549 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 118 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
74
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
memory and parallel I/O interface timing (continued)
timing requirements for a parallel I/O port read (IOSTRB= 0) [H = 0.5 tc(CO)]†‡ (see Figure 18)
’LC542-40
’LC543-40
’C54x-40
’LC54x-40
’LC54x-50
’54x-66
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
ta(A)IO
Access time, read data access from address valid
3H–12
3H–10
3H–10
ns
ta(ISTRBL)IO
Access time, read data access from IOSTRB low
2H–12
2H–10
2H–10
ns
tsu(D)IOR
Setup time, read data before CLKOUT high
7
5
5
ns
th(D)IOR
Hold time, read data after CLKOUT high
0
0
0
ns
th(ISTRBH-D)R
Hold time, read data after IOSTRB high
0
0
0
ns
† Address and IS timings are included in timings referenced as address.
‡ See Table 15, Table 16, and Table 17 for address bus timing variation with load capacitance.
IS
R/W
IOSTRB
D[15:0]
A[15:0]
CLKOUT
th(A)IOR
td(CLKH-ISTRBH)
th(D)IOR
tsu(D)IOR
ta(A)IO
td(CLKH-ISTRBL)
td(CLKL-A)
ta(ISTRBL)IO
th(ISTRBH-D)R
Figure 18. Parallel I/O Port Read (IOSTRB = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com