Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC549 Datasheet(PDF) 91 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC549 Datasheet(HTML) 91 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 87Page - Texas Instruments TMS320VC549 Datasheet HTML 88Page - Texas Instruments TMS320VC549 Datasheet HTML 89Page - Texas Instruments TMS320VC549 Datasheet HTML 90Page - Texas Instruments TMS320VC549 Datasheet HTML 91Page - Texas Instruments TMS320VC549 Datasheet HTML 92Page - Texas Instruments TMS320VC549 Datasheet HTML 93Page - Texas Instruments TMS320VC549 Datasheet HTML 94Page - Texas Instruments TMS320VC549 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 118 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
91
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
serial port transmit timing
switching characteristics over recommended operating conditions for serial port transmit with
external clocks and frames (see Figure 33)
PARAMETER
’C54x-40
’LC54x-40
’LC54x-50
’54x-66
UNIT
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
td(DX)
Delay time, DX valid after CLKX rising
25
25
25
ns
th(DX)
Hold time, DX valid after CLKX rising
–5
–5
– 5
ns
tdis(DX)
Disable time, DX after CLKX rising
40
40
40
ns
timing requirements for serial port transmit with external clocks and frames [H = 0.5tc(CO)]
(see Figure 33)
’C54x-40
’LC54x-40
’LC54x-50
’54x-66
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tc(SCK)
Cycle time, serial port clock
6H
†
6H
†
6H
†
ns
td(FSX)
Delay time, FSX after CLKX rising edge
2H – 8
2H – 5
2H–5
ns
th(FSX)
Hold time, FSX after CLKX falling edge (see Note 1)
7
6
6
ns
th(FSX)H Hold time, FSX after CLKX rising edge (see Note 1)
2H – 8‡
2H – 5‡
2H–5‡
ns
tf(SCK)
Fall time, serial port clock
6
6
6
ns
tr(SCK)
Rise time, serial port clock
6
6
6
ns
tw(SCK)
Pulse duration, serial port clock low/high
3H
3H
3H
ns
† The serial port design is fully static and, therefore, can operate with tc(SCK) approaching ∞. It is characterized approaching an input frequency
of 0 Hz but tested at a much higher frequency to minimize test time.
‡ If the FSX pulse does not meet this specification, the first bit of serial data is driven on DX until the falling edge of FSX. After the falling edge of
FSX, data is shifted out on DX pin. The transmit buffer-empty interrupt is generated when the th(FSX) and th(FSX)H specification is met.
NOTE 1: Internal clock with external FSX and vice versa are also allowable. However, FSX timings to CLKX always are defined depending on
the source of FSX, and CLKX timings always are dependent upon the source of CLKX. Specifically, the relationship of FSX to CLKX
is independent of the source of CLKX.
DX BIT
FSX
CLKX
8/16
7/15
2
1
th(DX)
td(DX)
tw(SCK)
tw(SCK)
tc(SCK)
td(FSX)
th(FSX)H
th(FSX)
tdis(DX)
tr(SCK)
tf(SCK)
Figure 33. Serial Port Transmit Timing With External Clocks and Frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com