Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC549 Datasheet(PDF) 77 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC549 Datasheet(HTML) 77 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 73Page - Texas Instruments TMS320VC549 Datasheet HTML 74Page - Texas Instruments TMS320VC549 Datasheet HTML 75Page - Texas Instruments TMS320VC549 Datasheet HTML 76Page - Texas Instruments TMS320VC549 Datasheet HTML 77Page - Texas Instruments TMS320VC549 Datasheet HTML 78Page - Texas Instruments TMS320VC549 Datasheet HTML 79Page - Texas Instruments TMS320VC549 Datasheet HTML 80Page - Texas Instruments TMS320VC549 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 118 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
77
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
I/O timing variation with load capacitance: SPICE simulation results (continued)
Table 15. Timing Variation With Load Capacitance: [2.7 V] 10% – 90%
WEAK
NOMINAL
STRONG
RISE
FALL
RISE
FALL
RISE
FALL
0 pF
0.476 ns
0.457 ns
0.429 ns
0.391 ns
0.382 ns
0.323 ns
10 pF
1.511 ns
1.278 ns
1.386 ns
1.148 ns
1.215 ns
1.049 ns
20 pF
2.551 ns
2.133 ns
2.350 ns
1.956 ns
2.074 ns
1.779 ns
30 pF
3.614 ns
3.011 ns
3.327 ns
2.762 ns
2.929 ns
2.512 ns
40 pF
4.664 ns
3.899 ns
4.394 ns
3.566 ns
3.798 ns
3.264 ns
50 pF
5.752 ns
4.786 ns
5.273 ns
4.395 ns
4.655 ns
4.010 ns
60 pF
6.789 ns
5.656 ns
6.273 ns
5.206 ns
5.515 ns
4.750 ns
70 pF
7.817 ns
6.598 ns
7.241 ns
6.000 ns
6.442 ns
5.487 ns
80 pF
8.897 ns
7.531 ns
8.278 ns
6.928 ns
7.262 ns
6.317 ns
90 pF
10.021 ns
8.332 ns
9.152 ns
7.735 ns
8.130 ns
7.066 ns
100 pF
11.072 ns
9.299 ns
10.208 ns
8.537 ns
8.997 ns
7.754 ns
Table 16. Timing Variation With Load Capacitance: [3 V] 10% – 90%
WEAK
NOMINAL
STRONG
RISE
FALL
RISE
FALL
RISE
FALL
0 pF
0.436 ns
0.387 ns
0.398 ns
0.350 ns
0.345 ns
0.290 ns
10 pF
1.349 ns
1.185 ns
1.240 ns
1.064 ns
1.092 ns
0.964 ns
20 pF
2.273 ns
1.966 ns
2.098 ns
1.794 ns
1.861 ns
1.634 ns
30 pF
3.226 ns
2.765 ns
2.974 ns
2.539 ns
2.637 ns
2.324 ns
40 pF
4.168 ns
3.573 ns
3.849 ns
3.292 ns
3.406 ns
3.013 ns
50 pF
5.110 ns
4.377 ns
4.732 ns
4.052 ns
4.194 ns
3.710 ns
60 pF
6.033 ns
5.230 ns
5.660 ns
4.811 ns
5.005 ns
4.401 ns
70 pF
7.077 ns
5.997 ns
6.524 ns
5.601 ns
5.746 ns
5.117 ns
80 pF
8.020 ns
6.899 ns
7.416 ns
6.336 ns
6.559 ns
5.861 ns
90 pF
8.917 ns
7.709 ns
8.218 ns
7.124 ns
7.323 ns
6.498 ns
100 pF
9.885 ns
8.541 ns
9.141 ns
7.830 ns
8.101 ns
7.238 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com