Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC549 Datasheet(PDF) 63 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC549 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 59Page - Texas Instruments TMS320VC549 Datasheet HTML 60Page - Texas Instruments TMS320VC549 Datasheet HTML 61Page - Texas Instruments TMS320VC549 Datasheet HTML 62Page - Texas Instruments TMS320VC549 Datasheet HTML 63Page - Texas Instruments TMS320VC549 Datasheet HTML 64Page - Texas Instruments TMS320VC549 Datasheet HTML 65Page - Texas Instruments TMS320VC549 Datasheet HTML 66Page - Texas Instruments TMS320VC549 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 118 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
63
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
internal oscillator with external crystal
The internal oscillator is enabled by selecting the appropriate clock mode at reset (this is device dependent –
see PLL section) and connecting a crystal or ceramic resonator across X1 and X2/CLKIN. The CPU clock
frequency is one-half the crystal’s oscillation frequency following reset. After reset, the clock mode of the devices
with the software PLL can also be changed to divide-by-four.
The crystal should be in fundamental mode operation and parallel resonant with an effective series resistance
of 30ohms and power dissipation of 1 mW. The connection of the required circuit, consisting of the crystal and
two load capacitors, is shown in Figure 13. The load capacitors, C1 and C2, should be chosen such that the
equation below is satisfied. CL in the equation is the load specified for the crystal.
C
L
+
C
1C2
(
C
1
) C
2)
recommended operating conditions (see Figure 13)
’C54x-40
’LC54x-40
’LC54x-50
’54x-66
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
fx
Input clock frequency
10†
20‡
10†
20‡
10†
20‡
MHz
† This device utilizes a fully static design and therefore can operate with tc(CI) approaching ∞. The device is characterized at frequencies
approaching 0 Hz.
‡ It is recommended that the PLL clocking option be used for maximum frequency operation.
X1
X2/CLKIN
C1
C2
Crystal
Figure 13. Internal Divide-by-Two Clock Option With External Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com