Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2986 Datasheet(PDF) 7 Page - Semtech Corporation

Part # GS2986
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2986 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button GS2986 Datasheet HTML 3Page - Semtech Corporation GS2986 Datasheet HTML 4Page - Semtech Corporation GS2986 Datasheet HTML 5Page - Semtech Corporation GS2986 Datasheet HTML 6Page - Semtech Corporation GS2986 Datasheet HTML 7Page - Semtech Corporation GS2986 Datasheet HTML 8Page - Semtech Corporation GS2986 Datasheet HTML 9Page - Semtech Corporation GS2986 Datasheet HTML 10Page - Semtech Corporation GS2986 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
GS2986 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52134 - 3
July 2012
7 of 41
29
VCC_DDO0
Power
Most positive power supply connection for the DDO0/DDO0 output driver.
Connect to 3.3V or 2.5V.
30
VEE_DDO0
Power
Most negative power supply connection for the DDO0/DDO0 output
driver.
Connect to GND.
31
XTAL_BUF_OUT
Output
Buffered output of the reference oscillator.
32
XTAL+
Output
Reference crystal output.
33
XTAL-
Input
Reference crystal input.
34
CS/EQ3_EN
Input/Logic
Input
In host mode (HIF set LOW):
Chip select input for SPI serial host interface. Active-low input.
In non-host mode (HIF set HIGH):
Trace equalization on/off pin for Serial Digital Differential Input 3.
Active-high input.
35
SCK/EQ2_EN
Input/Logic
Input
In host mode (HIF set LOW):
Burst-mode clock input for SPI serial host interface.
In non-host mode (HIF set HIGH):
Trace equalization on/off pin for Serial Digital Differential Input 2.
Active-high input.
36
SDO/EQ1_EN
Input/Logic
Input
In host mode (HIF set LOW):
Serial digital data output for SPI serial host interface. Active-high output.
In non-host mode (HIF set HIGH):
Trace equalization on/off pin for Serial Digital Differential Input 1.
Active-high input.
37
SDI/EQ0_EN
Input/Logic
Input
In host mode (HIF set LOW):
Serial digital data input for SPI serial host interface. Active-high input.
In non-host mode (HIF set HIGH):
Trace equalization on/off pin for Serial Digital Differential Input 0.
Active-high input.
38
VEE_CP
Power
Most negative power supply connection for the internal
charge pump. Connect to GND.
39
VCC_CPPower
Most positive power supply connection for the internal charge pump.
Connect to 3.3V or 2.5V
40
LF+
Passive
Loop Filter capacitor connection. (CLF = 47nF). Connect as shown in Typical
Application Circuit on page 37.
−
Center Pad
−
Ground pad on bottom of package. Connect to GND.
Table 1-1: GS2986 Pin Descriptions (Continued)
Pin Number
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com