Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2986 Datasheet(PDF) 29 Page - Semtech Corporation

Part # GS2986
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2986 Datasheet(HTML) 29 Page - Semtech Corporation

Back Button GS2986 Datasheet HTML 25Page - Semtech Corporation GS2986 Datasheet HTML 26Page - Semtech Corporation GS2986 Datasheet HTML 27Page - Semtech Corporation GS2986 Datasheet HTML 28Page - Semtech Corporation GS2986 Datasheet HTML 29Page - Semtech Corporation GS2986 Datasheet HTML 30Page - Semtech Corporation GS2986 Datasheet HTML 31Page - Semtech Corporation GS2986 Datasheet HTML 32Page - Semtech Corporation GS2986 Datasheet HTML 33Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
GS2986 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52134 - 3
July 2012
29 of 41
4.15.8 Daisy Chain Operation
For applications with multiple GS2986 devices, it is possible to daisy-chain up to 127 parts in
serial. In this configuration, the first device SDI should be connected to the SPI Master SDO. The
serial data output of each device is then connected to the serial data input of the following
device, and so on. The last device's SDO connects to the Master's SDI. Connecting devices in
serial reduces the number of I/O ports required by the master by removing the need for
additional chip select lines.
Figure 4-10: Daisy Chained SPI Bus
The position of each GS2986 device in the serial chain is referred to as its Chain Position, with 0
corresponding to the first device. The Chain Position in the SPI command word is decoded by
each slave to know which device the master is talking to.
Each GS2986 slave is designed to output a replica of what it receives at its input after a delay of
32 cycles. The Chain Position part of the command is decremented by one in the duplicated
command word at the output. Each device in the chain will only execute the issued command
if it verifies that the current chain position is set to 0.
Figure 4-11: Chain Position Decoding
SPI
Master
SCK
SDO
SDI
CS
SPI
Slave
SCK
SDI
SDO
CS
SCK
SDI
SDO
CS
SCK
SDI
SDO
CS
SPI
Slave
SPI
Slave
Chain Position 0
Chain Position 1
Chain Position 2
GS2986
SDI
SDO
Chain Position
-1
A[4:0]
Chain Position
A[4:0]
C[6:0]=N
32 cycles
GS2986
SDI
SDO
Chain Position
-2
32 cycles
C[6:0]=N-1
C[6:0]=N-2
A[4:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com