Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2986 Datasheet(PDF) 31 Page - Semtech Corporation

Part # GS2986
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2986 Datasheet(HTML) 31 Page - Semtech Corporation

Back Button GS2986 Datasheet HTML 27Page - Semtech Corporation GS2986 Datasheet HTML 28Page - Semtech Corporation GS2986 Datasheet HTML 29Page - Semtech Corporation GS2986 Datasheet HTML 30Page - Semtech Corporation GS2986 Datasheet HTML 31Page - Semtech Corporation GS2986 Datasheet HTML 32Page - Semtech Corporation GS2986 Datasheet HTML 33Page - Semtech Corporation GS2986 Datasheet HTML 34Page - Semtech Corporation GS2986 Datasheet HTML 35Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
GS2986 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52134 - 3
July 2012
31 of 41
4.15.11 Writing to a Single Device in the Chain
The following example shows how to write to a single device in a chain:
Figure 4-14: Daisy Chain Write to a Single Device
1. The command is issued to Chain Position N.
2. 32xN cycles are required to shift the command through N devices. The device at
chain position N executes the command.
3. 32 additional cycles are needed to complete the communication.
4.15.12 Reading from all Devices
To read from all devices in the chain, a Read command is issued for each device
consecutively. After each command, the data is held HIGH for 16 cycles. Once a device
recognizes it is being talked to, it will output data from the register requested. Clock
needs to be applied to cycle the output data through all devices in the chain.
Figure 4-15: Daisy Chain Read
1. Read command is issued to the last device in the chain, followed by Read
commands to the lower chain positions.
2. Clock is applied to cycle the output data through the chain.
DataN [15:0]
MOSI CommandN [15:0]
Data High 32xN cycles
Data High 32 cycles
Chain Position = N
CS
Chain Position = N (N = 0 for first device in chain)
DataN [15:0]
CommandN’ [15:0]
MISO
Command 2
Command 1
SDI
SDO
Data HIGH for
16 cycles
Command 0
Data HIGH for
16 cycles
Data HIGH for
16 cycles
(Chain Position = 0)
Data2
Data0
Data1
Data held
HIGH for 32x3
cycles
Command2’
Command1’
Command0’
SDI
SDO
(Chain Position = 1)
(Chain Position = 2)
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com