Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2986 Datasheet(PDF) 20 Page - Semtech Corporation

Part # GS2986
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2986 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button GS2986 Datasheet HTML 16Page - Semtech Corporation GS2986 Datasheet HTML 17Page - Semtech Corporation GS2986 Datasheet HTML 18Page - Semtech Corporation GS2986 Datasheet HTML 19Page - Semtech Corporation GS2986 Datasheet HTML 20Page - Semtech Corporation GS2986 Datasheet HTML 21Page - Semtech Corporation GS2986 Datasheet HTML 22Page - Semtech Corporation GS2986 Datasheet HTML 23Page - Semtech Corporation GS2986 Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
GS2986 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52134 - 3
July 2012
20 of 41
The new LOS detector uses a measure of both signal amplitude and duration to minimize false
detection of the impulse like signals that are characteristic of cross-talk. In this mode, the signal
is tapped off at the output of the equalizer stage, prior to the high gain buffers.
The threshold setting within the detector can be adjusted to increase or decrease its sensitivity.
Gennum recommends using the least sensitive threshold level. This provides the most margin
against false de-assertion of LOS.
The LOS mode can be selected by using the host interface, in register TOP_1 (address 0x02).
4.7 Serial Digital Reclocker
The output of the Equalizer is fed to the reclocker. The function of the reclocker is to re-time the
input signal and to generate system clocks.
The reclocker operates at three frequencies; 2.97Gb/s, 1.485Gb/s and 270Mb/s, and provides a
minimum input jitter tolerance of 0.8UI to square-wave-modulated jitter at these rates.
When there is no serial input signal, the internal clock maintains a frequency close to the
expected incoming data rate by locking to the external reference crystal.
4.8 Lock Detection
The lock detect block indicates, via the active-high LOCKED signal, when the device has
achieved lock to the incoming data stream.
The lock logic within the GS2986 includes a system that monitors the frequency and the phase
of the incoming data, as well as a monitor to detect harmonic lock.
The LOCKED output signal is also available via the host interface.
Table 4-5: Suggested LOS Threshold Settings
LOS Detection
Method Select
LOS Threshold
Adjust
Input Signal
Amplitude
>250mV
0x1
0x0
200mV to 250mV
0x1
0x1
150mV to 200mV
0x1
0x2
<150mV
0x1 or 0x0
0x3
Table 4-6: Lock Operation
LOCKED
Status
HIGH
Locked
LOW
Not locked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com