Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2986 Datasheet(PDF) 18 Page - Semtech Corporation

Part # GS2986
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2986 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button GS2986 Datasheet HTML 14Page - Semtech Corporation GS2986 Datasheet HTML 15Page - Semtech Corporation GS2986 Datasheet HTML 16Page - Semtech Corporation GS2986 Datasheet HTML 17Page - Semtech Corporation GS2986 Datasheet HTML 18Page - Semtech Corporation GS2986 Datasheet HTML 19Page - Semtech Corporation GS2986 Datasheet HTML 20Page - Semtech Corporation GS2986 Datasheet HTML 21Page - Semtech Corporation GS2986 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
GS2986 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52134 - 3
July 2012
18 of 41
The default peak-gain setting upon power-up is optimized for compensating the
high-frequency losses associated with approximately 10 inches of 5-mil stripline in FR4
material.
The EQn_EN pins are multiplexed with the serial host interface pins when pin HIF is tied high,
as shown in Table 4-2:
4.4 4:1 Input Mux
The GS2986 incorporates a 4:1 input mux, which allows the connection of four independent
streams of video/data. There are four differential inputs (DDI[3:0] / DDI[3:0]). The active channel
can be selected via the DDI_SEL[1:0] pins as shown in Table 4-3.
The DDI_SEL pins include internal pulldowns which pull the input voltage LOW if either pin is
unconnected. Active circuitry associated with the input buffers and trace EQ can only be turned
on for the selected input. Inputs which are not selected have their input buffers and trace EQs
turned OFF to save power. Unused inputs can be either left floating, or tied to VCC.
Table 4-1: Input Trace Equalization Operation
EQn_EN Setting
Trace Equalization
LOW
Low
HIGH
Medium
Table 4-2: EQn_EN Pins Multiplexed
Pin
Function
SDI/EQ0_EN
Active-high logic input to enable trace-equalization for high-speed input channel 0.
SDO/EQ1_EN
Active-high logic input to enable trace-equalization for high-speed input channel 1.
SCK/EQ2_EN
Active-high logic input to enable trace-equalization for high-speed input channel 2.
CS/EQ3_EN
Active-high logic input to enable trace-equalization for high-speed input channel 3.
Table 4-3: Input Selection Table
DDI_SEL[1:0]
Selected Input
00
DDI0
01
DDI1
10
DDI2
11
DDI3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com