Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2986 Datasheet(PDF) 33 Page - Semtech Corporation

Part # GS2986
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2986 Datasheet(HTML) 33 Page - Semtech Corporation

Back Button GS2986 Datasheet HTML 29Page - Semtech Corporation GS2986 Datasheet HTML 30Page - Semtech Corporation GS2986 Datasheet HTML 31Page - Semtech Corporation GS2986 Datasheet HTML 32Page - Semtech Corporation GS2986 Datasheet HTML 33Page - Semtech Corporation GS2986 Datasheet HTML 34Page - Semtech Corporation GS2986 Datasheet HTML 35Page - Semtech Corporation GS2986 Datasheet HTML 36Page - Semtech Corporation GS2986 Datasheet HTML 37Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
GS2986 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52134 - 3
July 2012
33 of 41
4.15.14 Host Register Map
Table 4-11: Host Register Map
Register
Name
Register
Address
Bit
Position
Access
Function
Default
Value
Valid
Range
Comments
EQ_1
0x00
15:10
RW
Reserved.
9
RW
Input Attenuation Enable
(ATTEN_EN)
0x0
0 or 1
Enable for input
signals above
1Vpp differential
8RW
Equalizer Offset Correction Enable
0x1
0 or 1
Recommend
always on
7RW
Equalizer Gain Setting for DDI3
0x0
0 or 1
See
supplementary
table below
6RW
Equalizer Gain Setting for DDI2
0x0
0 or 1
See
supplementary
table below
5RW
Equalizer Gain Setting for DDI1
0x00
0 or 1
See
supplementary
table below
4RW
Equalizer Gain Setting for DDI0
0x00
0 or 1
See
supplementary
table below
3RW
Equalizer Enable for DDI3
0x00
0 or 1
See
supplementary
table below
2RW
Equalizer Enable for DDI2
0x00
0 or 1
See
supplementary
table below
1RW
Equalizer Enable for DDI1
0x00
0 or 1
See
supplementary
table below
0RW
Equalizer Enable for DDI0
0x00
0 or 1
See
supplementary
table below
Equalizer Decode Logic
EQ_EN
EQ_GAIN
EQ Setting
Recommended Trace Lengths
0
0
LOW
0 to 10 inches of FR4
0
1
LOW
0 to 10 inches of FR4
1
0
MED
10 to 20 inches of FR4
1
1
HIGH
20 or more inches of FR4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com