Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6711 Datasheet(PDF) 71 Page - Texas Instruments

Part # TMS320C6711
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS320C6711 Datasheet HTML 67Page - Texas Instruments TMS320C6711 Datasheet HTML 68Page - Texas Instruments TMS320C6711 Datasheet HTML 69Page - Texas Instruments TMS320C6711 Datasheet HTML 70Page - Texas Instruments TMS320C6711 Datasheet HTML 71Page - Texas Instruments TMS320C6711 Datasheet HTML 72Page - Texas Instruments TMS320C6711 Datasheet HTML 73Page - Texas Instruments TMS320C6711 Datasheet HTML 74Page - Texas Instruments TMS320C6711 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
71
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
INPUT AND OUTPUT CLOCKS
timing requirements for CLKIN†‡ (see Figure 23) [C6711/11B]
–100
–150
NO.
CLKMODE = x4
CLKMODE = x1
CLKMODE = x4
CLKMODE = x1
UNIT
NO.
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
1
tc(CLKIN)
Cycle time, CLKIN
40
10
26.7
6.7
ns
2
tw(CLKINH)
Pulse duration, CLKIN high
0.4C
0.45C
0.4C
0.45C
ns
3
tw(CLKINL)
Pulse duration, CLKIN low
0.4C
0.45C
0.4C
0.45C
ns
4
tt(CLKIN)
Transition time, CLKIN
5
1
5
1
ns
† The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
‡ C = CLKIN cycle time in nanoseconds (ns). For example, when CLKIN frequency is 40 MHz, use C = 25 ns.
timing requirements for CLKIN†‡§ (see Figure 23) [C6711C/11D]
GDPA-167
–200
NO.
PLL MODE
(PLLEN = 1)
BYPASS MODE
(PLLEN = 0)
PLL MODE
(PLLEN = 1)
BYPASS MODE
(PLLEN = 0)
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
1
tc(CLKIN)
Cycle time, CLKIN
6
83.3
6
5
83.3
5
ns
2
tw(CLKINH)
Pulse duration, CLKIN high
0.4C
0.4C
0.4C
0.4C
ns
3
tw(CLKINL)
Pulse duration, CLKIN low
0.4C
0.4C
0.4C
0.4C
ns
4
tt(CLKIN)
Transition time, CLKIN
5
5
5
5
ns
† The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
‡ C = CLKIN cycle time in nanoseconds (ns). For example, when CLKIN frequency is 40 MHz, use C = 25 ns.
§ See the PLL and PLL controller [C6711C/C6711D only] section of this data sheet.
timing requirements for CLKIN†‡§ (see Figure 23) [C6711D−250]
–250
NO.
PLL MODE
(PLLEN = 1)
BYPASS MODE
(PLLEN = 0)
UNIT
MIN
MAX
MIN
MAX
1
tc(CLKIN)
Cycle time, CLKIN
4
83.3
4
ns
2
tw(CLKINH)
Pulse duration, CLKIN high
0.4C
0.4C
ns
3
tw(CLKINL)
Pulse duration, CLKIN low
0.4C
0.4C
ns
4
tt(CLKIN)
Transition time, CLKIN
5
5
ns
† The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
‡ C = CLKIN cycle time in nanoseconds (ns). For example, when CLKIN frequency is 40 MHz, use C = 25 ns.
§ See the PLL and PLL controller [C6711C/C6711D only] section of this data sheet.
CLKIN
1
2
3
4
4
Figure 23. CLKIN Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com