Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6711 Datasheet(PDF) 76 Page - Texas Instruments

Part # TMS320C6711
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711 Datasheet(HTML) 76 Page - Texas Instruments

Back Button TMS320C6711 Datasheet HTML 72Page - Texas Instruments TMS320C6711 Datasheet HTML 73Page - Texas Instruments TMS320C6711 Datasheet HTML 74Page - Texas Instruments TMS320C6711 Datasheet HTML 75Page - Texas Instruments TMS320C6711 Datasheet HTML 76Page - Texas Instruments TMS320C6711 Datasheet HTML 77Page - Texas Instruments TMS320C6711 Datasheet HTML 78Page - Texas Instruments TMS320C6711 Datasheet HTML 79Page - Texas Instruments TMS320C6711 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
76
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
ASYNCHRONOUS MEMORY TIMING (CONTINUED)
switching characteristics over recommended operating conditions for asynchronous memory
cycles†‡§ (see Figure 30–Figure 31) [C6711]
NO
PARAMETER
C6711−100
C6711−150
UNIT
NO.
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1
tosu(SELV-AREL)
Output setup time, select signals valid to ARE low
RS * E − 3
RS * E − 3
ns
2
toh(AREH-SELIV)
Output hold time, ARE high to select signals
invalid
RH * E − 3
RH * E − 3
ns
5
td(EKOH-AREV)
Delay time, ECLKOUT high to ARE valid
1.5
11
1.5
8
ns
8
tosu(SELV-AWEL)
Output setup time, select signals valid to AWE low
WS * E − 3
WS * E − 3
ns
9
toh(AWEH-SELIV)
Output hold time, AWE high to select signals invalid
WH * E − 3
WH * E − 3
ns
10
td(EKOH-AWEV)
Delay time, ECLKOUT high to AWE valid
1.5
11
1.5
8
ns
switching characteristics over recommended operating conditions for asynchronous memory
cycles†‡§ (see Figure 30–Figure 31) [C6711B]
NO.
PARAMETER
C6711B−100
C6711BGFNA-100
C6711B−150
UNIT
NO.
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1
tosu(SELV-AREL)
Output setup time, select signals valid to ARE low
RS * E − 3
RS * E − 3
ns
2
toh(AREH-SELIV)
Output hold time, ARE high to select signals
invalid
RH * E − 3
RH * E − 3
ns
5
td(EKOH-AREV)
Delay time, ECLKOUT high to ARE valid
1
11
1
8
ns
8
tosu(SELV-AWEL)
Output setup time, select signals valid to AWE low
WS * E − 3
WS * E − 3
ns
9
toh(AWEH-SELIV)
Output hold time, AWE high to select signals invalid
WH * E − 3
WH * E − 3
ns
10
td(EKOH-AWEV)
Delay time, ECLKOUT high to AWE valid
1
11
1
8
ns
switching characteristics over recommended operating conditions for asynchronous memory
cycles†‡§ (see Figure 30–Figure 31) [C6711C/C6711D]
NO.
PARAMETER
GDPA-167
−200
−250 (6711D)
UNIT
MIN
MAX
1
tosu(SELV-AREL)
Output setup time, select signals valid to ARE low
RS*E − 1.7
ns
2
toh(AREH-SELIV)
Output hold time, ARE high to select signals invalid
RH*E − 1.7
ns
5
td(EKOH-AREV)
Delay time, ECLKOUT high to ARE valid
1.5
7
ns
8
tosu(SELV-AWEL)
Output setup time, select signals valid to AWE low
WS*E − 1.7
ns
9
toh(AWEH-SELIV)
Output hold time, AWE high to select signals and EDx invalid
WH*E − 1.7
ns
10
td(EKOH-AWEV)
Delay time, ECLKOUT high to AWE valid
1.5
7
ns
11
tosu(EDV-AWEL)
Output setup time, ED valid to AWE low
(WS−1)*E −
1.7
ns
† RS = Read setup, RST = Read strobe, RH = Read hold, WS = Write setup, WST = Write strobe, WH = Write hold. These parameters are
programmed via the EMIF CE space control registers.
‡ E = ECLKOUT period in ns
§ Select signals include: CEx, BE[3:0], EA[21:2], and AOE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com