Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6711 Datasheet(PDF) 97 Page - Texas Instruments

Part # TMS320C6711
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711 Datasheet(HTML) 97 Page - Texas Instruments

Back Button TMS320C6711 Datasheet HTML 93Page - Texas Instruments TMS320C6711 Datasheet HTML 94Page - Texas Instruments TMS320C6711 Datasheet HTML 95Page - Texas Instruments TMS320C6711 Datasheet HTML 96Page - Texas Instruments TMS320C6711 Datasheet HTML 97Page - Texas Instruments TMS320C6711 Datasheet HTML 98Page - Texas Instruments TMS320C6711 Datasheet HTML 99Page - Texas Instruments TMS320C6711 Datasheet HTML 100Page - Texas Instruments TMS320C6711 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
97
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
HOST-PORT INTERFACE TIMING
timing requirements for host-port interface cycles†‡ (see Figure 46, Figure 47, Figure 48, and
Figure 49) [C6711]
NO.
C6711-100
C6711-150
UNIT
NO.
MIN
MAX
UNIT
1
tsu(SELV-HSTBL)
Setup time, select signalsvalid before HSTROBE low
5
ns
2
th(HSTBL-SELV)
Hold time, select signalsvalid after HSTROBE low
6§
ns
3
tw(HSTBL)
Pulse duration, HSTROBE low
4P
ns
4
tw(HSTBH)
Pulse duration, HSTROBE high between consecutive accesses
4P
ns
10
tsu(SELV-HASL)
Setup time, select signalsvalid before HAS low
5
ns
11
th(HASL-SELV)
Hold time, select signalsvalid after HAS low
3
ns
12
tsu(HDV-HSTBH)
Setup time, host data valid before HSTROBE high
5
ns
13
th(HSTBH-HDV)
Hold time, host data valid after HSTROBE high
6§
ns
14
th(HRDYL-HSTBL)
Hold time, HSTROBE low after HRDY low. HSTROBE should not be inactivated until
HRDY is active (low); otherwise, HPI writes will not complete properly.
2
ns
18
tsu(HASL-HSTBL)
Setup time, HAS low before HSTROBE low
2
ns
19
th(HSTBL-HASL)
Hold time, HAS low after HSTROBE low
4§
ns
timing requirements for host-port interface cycles†‡ (see Figure 46, Figure 47, Figure 48, and
Figure 49) [C6711B]
NO.
C6711B-100
C6711B-150
C6711BGFNA-100
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
1
tsu(SELV-HSTBL)
Setup time, select signalsvalid before HSTROBE low
5
5
ns
2
th(HSTBL-SELV)
Hold time, select signalsvalid after HSTROBE low
4
4
ns
3
tw(HSTBL)
Pulse duration, HSTROBE low
4P
4P
ns
4
tw(HSTBH)
Pulse duration, HSTROBE high between consecutive accesses
4P
4P
ns
10
tsu(SELV-HASL)
Setup time, select signalsvalid before HAS low
5
5
ns
11
th(HASL-SELV)
Hold time, select signalsvalid after HAS low
3
3
ns
12
tsu(HDV-HSTBH)
Setup time, host data valid before HSTROBE high
5
5
ns
13
th(HSTBH-HDV)
Hold time, host data valid after HSTROBE high
3
3
ns
14
th(HRDYL-HSTBL)
Hold time, HSTROBE low after HRDY low. HSTROBE should
not be inactivated until HRDY is active (low); otherwise, HPI
writes will not complete properly.
2
2
ns
18
tsu(HASL-HSTBL)
Setup time, HAS low before HSTROBE low
2
2
ns
19
th(HSTBL-HASL)
Hold time, HAS low after HSTROBE low
2
2
ns
† HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT(HDS1 XOR HDS2)] OR HCS.
‡ P = 1/CPU clock frequency in ns. For example, when running parts at 250 MHz, use P = 4 ns.
§ Make sure the external host meets the timing specifications of the C6711 device. Delays or buffers may be needed to compensate for any timing
differences. IBIS analysis should be used to correctly model the system interface.
Select signals include: HCNTL[1:0], HR/W, and HHWIL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com