Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIFE32251B-R68MS Datasheet(PDF) 146 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 146 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 142Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 143Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 144Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 145Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 146Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 147Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 148Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 149Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 150Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 157 page
background image
146
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Layout
Copyright © 2014–2016, Texas Instruments Incorporated
9.1.3
Layout Checklist
•
All inductors, input/output caps and FETs for the converters and controller should be on the same
board layer as the IC.
•
Place feedback connection points near the output capacitors and minimize the control feedback loop
as much as possible to achieve the best regulation performance.
•
Bootstrap capacitors must be place close to the IC from the SWVRx to VBSTVRx pins.
•
DRVLVRx signals must be routed on the same layer as the IC and the FETs and minimize the length
and parasitic inductance of the trace as much as possible.
•
Each converter and controller should have their own separate ground and each ground should connect
to the common ground separately. The input capacitors, output capacitors, and FET grounds for each
VRx converter and controller must be connected to the ground plane for the respective VRx rail. Since,
the PGNDs for each rail are not connect to each other or AGND, it is required to use the PGNDVRx
pins for the input and output capacitors for each VRx rail. This ground plane should connect in one
place to the common ground close to the input and output capacitor ground pads. See the figure below
for a visual representation of the converter layout scheme.
•
The internal reference regulators must have their input and output caps close to the IC pins.
•
Route the FBVRxP and FBVRxN signals as a differential pair.
9.2
Layout Example
9.2.1
Controller Layout
The routing of the controllers is critical to the performance of the power supply. To reduce the risk of the
controller effecting other sensitive circuits on the board, it is recommended to place all of the controller
components on the same layer are the PMIC. In addition to component placement, the DRV, SW, and
PGND signals should be routed on the same layer or as few of layers possible. It is recommended to
place the FETs as close as possible to the PMIC but, it is imperative that the input capacitors are placed
with minimal distance from the VIN and PGND pads of the FETs. The feedback signals should be routed
differentially to the furthest output capacitor, which should be placed close to the load. Be sure to not route
the feedback or any analog sensitive signals under the inductor, next to the SW node, or between the CIN
and the FETs due to the high frequency switching from the edges.
If the FETs of the controller are to be place far away from the PMIC the layout of the DRV, SW and PGND
signals becomes extremely critical. The loop inductance of the the traces must be minimized as much as
possible. In-order to do this, pair the DRVH and SW traces together and pair the DRVL and PGND traces
together. PGND is best routed as a plane. To reduce the loop inductance of the DRVL, DRVL trace should
be routed one layer above the PGND. Generally, the SW, DRVL and DRVH traces should be 20 mils or
larger assuming the PGND is a plane underneath the DRVL trace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com