Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIFE32251B-R68MS Datasheet(PDF) 148 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 148 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 144Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 145Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 146Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 147Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 148Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 149Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 150Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 151Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 152Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 157 page
background image
148
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Layout
Copyright © 2014–2016, Texas Instruments Incorporated
9.2.3
ZCG Package
Figure 9-6. Top Layer ZCG Layout
Figure 9-7. Bottom Layer ZCG Layout
9.3
Thermal Considerations
Implementation of integrated circuits in low-profile and fine-pitch surface-mount packages typically
requires special attention to power dissipation. Many system-dependent issues such as thermal coupling,
airflow, added heat sinks and convection surfaces, and the presence of other heat-generating components
affect the power-dissipation limits of a given component.
Three basic approaches for enhancing thermal performance are listed below.
•
Improving the power dissipation capability of the PCB design
•
Improving the thermal coupling of the component to the PCB by soldering the PowerPAD™
•
Introducing airflow in the system
For more details on how to use the thermal parameters in the dissipation ratings table please check the
Thermal Characteristics Application Note (SZZA017) and the IC Package Thermal Metrics Application
Note (SPRA953).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com