Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1184 Datasheet(PDF) 28 Page - Microchip Technology

Part # EMC1184
Description  Quad Channel 1째C Temperature Sensor with Beta
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1184 Datasheet(HTML) 28 Page - Microchip Technology

Back Button EMC1184 Datasheet HTML 24Page - Microchip Technology EMC1184 Datasheet HTML 25Page - Microchip Technology EMC1184 Datasheet HTML 26Page - Microchip Technology EMC1184 Datasheet HTML 27Page - Microchip Technology EMC1184 Datasheet HTML 28Page - Microchip Technology EMC1184 Datasheet HTML 29Page - Microchip Technology EMC1184 Datasheet HTML 30Page - Microchip Technology EMC1184 Datasheet HTML 31Page - Microchip Technology EMC1184 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
Quad Channel 1°C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
Datasheet
Revision 1.0 (07-11-13)
28
SMSC EMC1184
DATASHEET
6.1
Data Read Interlock
When any temperature channel high byte register is read, the corresponding low byte is copied into
an internal ‘shadow’ register. The user is free to read the low byte at any time and be guaranteed that
it will correspond to the previously read high byte. Regardless if the low byte is read or not, reading
from the same high byte register again will automatically refresh this stored low byte data.
6.2
Temperature Data Registers
36h
R-C
Low Limit Status
Status bits for the Low Limits
00h
Page 40
37h
R
Therm Limit Status
Status bits for the Therm Limits
00h
Page 41
40h
R/W
Filter Control
Controls the digital filter setting for
the External Diode 1 channel
00h
Page 41
FDh
R
Product ID
(EMC1184)
Stores a fixed value that identifies
the device
25h
Page 42
FEh
R
Manufacturer ID
Stores a fixed value that
represents SMSC
5Dh
Page 42
FFh
R
Revision
Stores a fixed value that
represents the revision number
07h
Page 42
Table 6.2 Temperature Data Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
00h
R
Internal Diode
High Byte
128
64
32
16
8
4
2
1
00h
29h
R
Internal Diode
Low Byte
0.5
0.25
0.125
-
-
-
-
-
00h
01h
R
External Diode
1 High Byte
128
64
32
16
8
4
2
1
00h
10h
R
External Diode
1 Low Byte
0.5
0.25
0.125
-
-
-
-
-
00h
23h
R
External Diode
2 High Byte
128
64
32
16
8
4
2
1
00h
24h
R
External Diode
2 Low Byte
0.5
0.25
0.125
-
-
-
-
-
00h
2Ah
R
External Diode
3 High Byte
128
64
32
16
8
4
2
1
00h
2Bh
R
External Diode
3 Low Byte
0.5
0.25
0.125
-
-
-
-
-
00h
Table 6.1 Register Set in Hexadecimal Order (continued)
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com