Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1184 Datasheet(PDF) 34 Page - Microchip Technology

Part # EMC1184
Description  Quad Channel 1째C Temperature Sensor with Beta
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1184 Datasheet(HTML) 34 Page - Microchip Technology

Back Button EMC1184 Datasheet HTML 30Page - Microchip Technology EMC1184 Datasheet HTML 31Page - Microchip Technology EMC1184 Datasheet HTML 32Page - Microchip Technology EMC1184 Datasheet HTML 33Page - Microchip Technology EMC1184 Datasheet HTML 34Page - Microchip Technology EMC1184 Datasheet HTML 35Page - Microchip Technology EMC1184 Datasheet HTML 36Page - Microchip Technology EMC1184 Datasheet HTML 37Page - Microchip Technology EMC1184 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
Quad Channel 1°C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
Datasheet
Revision 1.0 (07-11-13)
34
SMSC EMC1184
DATASHEET
The Therm Limit Registers are used to determine whether a critical thermal event has occurred. If the
measured temperature exceeds the Therm Limit, the THERM pin is asserted. The limit setting must
match the chosen data format of the temperature reading registers.
Unlike the ALERT / THERM2 pin, the THERM pin cannot be masked. Additionally, the THERM pin will
be released once the temperature drops below the corresponding threshold minus the Therm
Hysteresis.
6.10
External Diode Fault Register 1Bh
The External Diode Fault Register indicates which of the external diodes caused the FAULT bit in the
Status Register to be set. This register is cleared when it is read.
Bit 3 - E3FLT - This bit is set if the External Diode 3 channel reported a diode fault.
Bit 2 - E2FLT - This bit is set if the External Diode 2 channel reported a diode fault.
Bit 1 - E1FLT - This bit is set if the External Diode 1 channel reported a diode fault.
6.11
Channel Mask Register 1Fh
The Channel Mask Register controls individual channel masking. When a channel is masked, the
ALERT / THERM2 pin will not be asserted when the masked channel reads a diode fault or out of limit
error. The channel mask does not mask the THERM pin.
Bit 3 - E3MASK - Masks the ALERT / THERM2pin from asserting when the External Diode 3 channel
is out of limit or reports a diode fault.
‘0’ (default) - The External Diode 3 channel will cause the ALERT / THERM2pin to be asserted if
it is out of limit or reports a diode fault.
21h
R/W
Therm
Hysteresis
128
64
32
16
8
4
2
1
0Ah
(10°C)
30h
R/W
External
Diode 3
Therm Limit
128
64
32
16
8
4
2
1
55h
(85°C)
Table 6.11 External Diode Fault Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
1Bh
R-C
External
Diode Fault
-
-
-
-
E3FLT
E2FLT
E1FLT
-
00h
Table 6.12 Channel Mask Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
1Fh
R/W
Channel
Mask
-
---
E3
MASK
E2
MASK
E1
MASK
INT
MASK
00h
Table 6.10 Therm Limit Registers (continued)
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com