Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1184 Datasheet(PDF) 30 Page - Microchip Technology

Part # EMC1184
Description  Quad Channel 1째C Temperature Sensor with Beta
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1184 Datasheet(HTML) 30 Page - Microchip Technology

Back Button EMC1184 Datasheet HTML 26Page - Microchip Technology EMC1184 Datasheet HTML 27Page - Microchip Technology EMC1184 Datasheet HTML 28Page - Microchip Technology EMC1184 Datasheet HTML 29Page - Microchip Technology EMC1184 Datasheet HTML 30Page - Microchip Technology EMC1184 Datasheet HTML 31Page - Microchip Technology EMC1184 Datasheet HTML 32Page - Microchip Technology EMC1184 Datasheet HTML 33Page - Microchip Technology EMC1184 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
Quad Channel 1°C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
Datasheet
Revision 1.0 (07-11-13)
30
SMSC EMC1184
DATASHEET
Bit 5 - ALERT/THERM2 - Controls the operation of the ALERT / THERM2 pin.
‘0’ (default) - The ALERT / THERM2 acts as an Alert pin and has interrupt behavior as described
in Section 5.5.1.
‘1’ - The ALERT / THERM2 acts as a THERM pin and has comparator behavior as described in
Section 5.5.2. In this mode the MASK_ALL bit is ignored.
Bit 4 - RECD1 - Disables the Resistance Error Correction (REC) for External Diode 1.
‘0’ (default) - REC is enabled for External Diode 1.
‘1’ - REC is disabled for External Diode 1.
Bit 3 - RECD2 - Disables the Resistance Error Correction (REC) for External Diode 2 and External
Diode 3.
‘0’ (default) - REC is enabled for External Diode 2 and External Diode 3.
‘1’ - REC is disabled for External Diode 2 and External Diode 3.
Bit 2 - RANGE - Configures the measurement range and data format of the temperature channels.
‘0’ (default) - The temperature measurement range is 0°C to +127.875°C and the data format is
binary.
‘1’ -The temperature measurement range is -64°C to +191.875°C and the data format is offset
binary (see Table 5.2).
Bit 1 - DAVG_DIS - Disables the dynamic averaging feature on all temperature channels.
‘0’ (default) - The dynamic averaging feature is enabled. All temperature channels will be converted
with an averaging factor that is based on the conversion rate as shown in Table 6.6.
‘1’ - The dynamic averaging feature is disabled. All temperature channels will be converted with a
maximum averaging factor of 1x (equivalent to 11-bit conversion). For higher conversion rates, this
averaging factor will be reduced as shown in Table 6.6.
Bit 0 - APDD - Disables the anti-parallel diode operation. Beta Compensation is disabled on External
Diode 2 and 3 regardless of APDD setting. In addition, External Diode 2 Beta Configuration register
will be ignored.
‘0’ (default) - Anti-parallel diode mode is enabled. Two external diodes will be measured on the
DP2 and DN2 pins.
‘1’ - Anti-parallel diode mode is disabled. Only one external diode will be measured on the DP2
and DN2 pins.
6.5
Conversion Rate Register 04h / 0Ah
The Conversion Rate Register controls how often the temperature measurement channels are updated
and compared against the limits. This register is fully accessible at either address.
Bits 3-0 - CONV[3:0] - Determines the conversion rate as shown in Table 6.6.
Table 6.5 Conversion Rate Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
04h
R/W
Conversion
Rate
-
-
-
-
CONV[3:0]
06h
(4/sec)
0Ah



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com