Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1184 Datasheet(PDF) 8 Page - Microchip Technology

Part # EMC1184
Description  Quad Channel 1째C Temperature Sensor with Beta
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1184 Datasheet(HTML) 8 Page - Microchip Technology

Back Button EMC1184 Datasheet HTML 4Page - Microchip Technology EMC1184 Datasheet HTML 5Page - Microchip Technology EMC1184 Datasheet HTML 6Page - Microchip Technology EMC1184 Datasheet HTML 7Page - Microchip Technology EMC1184 Datasheet HTML 8Page - Microchip Technology EMC1184 Datasheet HTML 9Page - Microchip Technology EMC1184 Datasheet HTML 10Page - Microchip Technology EMC1184 Datasheet HTML 11Page - Microchip Technology EMC1184 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
EMC1184
10
9
8
7
6
SMDATA
SMCLK
1
2
3
4
5
ALERT / THERM2
VDD
DP1
DN1
DN2 / DP3
DP2 / DN3
THERM / ADDR
GND
Exposed
pad
Quad Channel 1°C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
Datasheet
Revision 1.0 (07-11-13)
8
SMSC EMC1184
DATASHEET
Chapter 2 Pin Description
Figure 2.1 EMC1184 Pin Diagram DFN-10
Table 2.1 EMC1184 Pin Description
PIN NUMBER
NAME
FUNCTION
TYPE
1
VDD
Power supply
Power
2
DP1
External diode 1 positive (anode) connection
AIO
3
DN1
External diode 1 negative (cathode) connection
AIO
4DP2 / DN3
External diode 2 positive (anode) connection /
External Diode 3 negative (cathode) connection
for anti-parallel diodes
AIO
5
DN2 / DP3
External diode 2 negative (cathode) connection /
External Diode 3 positive (anode) connection for
anti-parallel diodes
AIO
6
GND
Ground
Power
7
THERM / ADDR
THERM - Critical THERM output signal - requires
pull-up resistor
OD (5V)
ADDR - Selects SMBus address based on pull-
up resistor
OD (5V)
8ALERT / THERM2
Active low digital ALERT output signal - requires
pull-up resist
OD (5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com