Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1184 Datasheet(PDF) 1 Page - Microchip Technology

Part # EMC1184
Description  Quad Channel 1째C Temperature Sensor with Beta
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1184 Datasheet(HTML) 1 Page - Microchip Technology

  EMC1184 Datasheet HTML 1Page - Microchip Technology EMC1184 Datasheet HTML 2Page - Microchip Technology EMC1184 Datasheet HTML 3Page - Microchip Technology EMC1184 Datasheet HTML 4Page - Microchip Technology EMC1184 Datasheet HTML 5Page - Microchip Technology EMC1184 Datasheet HTML 6Page - Microchip Technology EMC1184 Datasheet HTML 7Page - Microchip Technology EMC1184 Datasheet HTML 8Page - Microchip Technology EMC1184 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
SMSC EMC1184
Revision 1.0 (07-11-13)
DATASHEET
Datasheet
PRODUCT FEATURES
EMC1184
Quad Channel 1°C Temperature Sensor with Beta
Compensation and 1.8V SMBus Communications
General Description
The EMC1184 is a high accuracy, low cost, 1.8V System
Management Bus (SMBus) compatible temperature sensor.
Advanced features such as Resistance Error Correction (REC),
Beta Compensation (to support CPU diodes requiring the
BJT/transistor model including 65nm and lower geometry
processors) and automatic diode type detection combine to
provide a robust solution for complex environmental monitoring
applications. The ability to communicate at 1.8V SMBus levels
provides compatible I/O for the advanced processors found in
today’s tablet and smartphone applications.
The EMC1184 monitors four temperature (three external and
one internal) channels, providing ±1°C accuracy for both
external and internal diode temperatures.
REC automatically eliminates the temperature error caused by
series resistance allowing greater flexibility in routing thermal
diodes. Frequency hopping* and analog filters ensure remote
diode traces can be as far as eight (8) inches without degrading
the signal. Beta Compensation eliminates temperature errors
caused by low, variable beta transistors common in today's fine
geometry processors. The automatic beta detection feature
monitors the external diode/transistor and determines the
optimum sensor sett ings for accurate temperature
measurements regardless of processor technology. This frees
the user from providing unique sensor configurations for each
temperature monitoring application. These advanced features
plus ±1°C measurement accuracy provide a low-cost, highly
flexible and accurate solution for critical temperature monitoring
applications.
Applications
Notebook Computers
Desktop Computers
Industrial
Embedded applications
Features
Programmable SMBus address
Support for diodes requiring the BJT/transistor model
—
Supports 65nm and lower geometry CPU thermal
diodes
Pin and register compatible with EMC1414
Automatically determines external diode type and
optimal settings
Resistance Error Correction
Frequency hops the remote sample frequency to reject
DC converter and other coherent noise sources*
Consecutive Alert queue to further reduce false Alerts
Up to 3 External Temperature Monitors
—
25°C typ, ±1°C max accuracy (20°C < TDIODE < 110°C)
—
0.125°C resolution
—
Supports up to 2.2nF diode filter capacitor
Anti-parallel diodes for extra diode support
Internal
Temperature Monitor
—
±1°C accuracy
—
0.125°C resolution
3.3V Supply Voltage
1.8V SMBus operation
Programmable temperature limits for ALERT/THERM2
(85°C default high limit and 0°C default low limit) and
THERM (85°C default)
Available in small 10-pin 3mm x 3mm DFN RoHS
compliant package
* Technology covered under the US patent 7,193,543.
Internal Temp
Diode
Switching
Current
Analog
Mux
Internal
Temperature
Register
Low Limit Registers
High Limit Registers
Conversion Rate Register
Interupt Masking
Status Registers
Configuration Register
THERM / ADDR
SMCLK
SMDATA
DP1
DN1
VDD
GND
External
Temperature
Register(s)
ΔΣ ADC
THERM Limit Register
THERM Hysteresis Register
SMBus Address Decode
ALERT / THERM2
EMC1184
DP2 / DN3
DN2 / DP3
CPU /
GPU
EMC1184
Host
DP1
DN1
SMDATA
Thermal
Junction
SMCLK
SMBus
Interface
THERM / ADDR
ALERT / THERM2
Power
Control
VDD
GND
VDD =
3.3V
1.8V
DN2 / DP3
DP2 / DN3
Anti-Parallel
Diode
1.8V-3.3V


Similar Part No. - EMC1184

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1184 SMSC-EMC1184 Datasheet
547Kb / 48P
Quad Channel 1째C Temperature Sensor with Beta
EMC1184-A-AIA-TR SMSC-EMC1184-A-AIA-TR Datasheet
547Kb / 48P
Quad Channel 1째C Temperature Sensor with Beta
More results

Similar Description - EMC1184

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1413 MICROCHIP-EMC1413_14 Datasheet
1Mb / 54P
Multiple Channel 1째C Temperature Sensors with Beta Compensation
10/28/13
EMC1412 MICROCHIP-EMC1412_14 Datasheet
1Mb / 48P
Multiple Channel 1째C Temperature Sensor with Beta Compensation
10/28/13
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
1째C Temperature Sensor with Beta Compensation
EMC1187 SMSC-EMC1187 Datasheet
525Kb / 47P
Triple Channel 1째C Temperature Sensor with Hardware
EMC1184 SMSC-EMC1184 Datasheet
547Kb / 48P
Quad Channel 1째C Temperature Sensor with Beta
logo
Microchip Technology
EMC1183 MICROCHIP-EMC1183 Datasheet
539Kb / 48P
Triple Channel 1째C Temperature Sensor with Beta
Revision 1.0 07-11-13
EMC1182 MICROCHIP-EMC1182 Datasheet
565Kb / 48P
Dual Channel 1째C Temperature Sensor with Beta
Revision 1.0 07-11-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com