Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E98103A38B Datasheet(PDF) 7 Page - ELMOS Semiconductor AG

Part # E98103A38B
Description  Autonomous MAC and individual physical address
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E98103A38B Datasheet(HTML) 7 Page - ELMOS Semiconductor AG

Back Button E98103A38B Datasheet HTML 3Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 4Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 5Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 6Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 7Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 8Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 9Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 10Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 11Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
7/51
Elmos Semiconductor AG
Data Sheet
QM-No.: 25DS0046E.03
PRODUCTION DATA - JAN 15, 2015
Elmos Semiconductor AG reserves the right to change the detail specifications as may be required to permit improvements in the design of its products.
KNX/ EIB TRANSCEIVER
E981.03
Description
Condition
Symbol
Min
Typ
Max
Unit
Relative V20 supply deactivation
threshold
V
V20,off,rel
V
BUSP,mean
- 6 V
High threshold at pin WK. 1)
V
WK,high
2.0
2.5
V
Low threshold at pin WK. 1)
V
WK,low
1.1
1.6
V
Pull down current at pin
WK (active in input mode) 1)
V
WK = VVIO/2,
V
VIO = 5V
I
WK,pd
60
µA
High level at pin WK
I
WK = -2mA
V
WK,OUT,high2
V
VIO -1V
V
High level at pin WK
I
WK = -0.5mA
V
WK,OUT,high5
V
VIO
-0.5V
V
Low level at pin WK
I
WK = 5mA
V
WK,OUT,low
0.7
V
E981.03 mode parameters - AC Characteristics
Maximum duration of hard reset
mode
V
BUSP > 20 V
C
33I = 100 nF
t
33I,on
20
ms
Wait time between KNX bus com-
munication free and sending Reset
indication to the host processor
t
w,ri
40
bit
times
Duration of an active driven wake-
up pulse to MCU causes by a valid
trigger telegram
t
TRIGGER,pw
80
100
120
ms
Debounce time of alarm condition
at pin SETVCC
t
ALARM,deb
100
120
ms
Reset Concept - DC Characteristics
Actively driven low level on pin
RESET
I
RESET < 5 mA
V
VIO > 3 V
V
RESET,low, out
0.4
V
Pull up current at pin RESET 2)
V
RESET = 0 V
V
VIO = 5 V
I
RESET,pu
-500
µA
Low level at pin RESET input path
V
RESET, low,in
0.2
V
IO
High level at pin RESET input path
V
RESET, high,in
0.8
V
IO
Minimum voltage at pin VIO for in-
terpreting the input path of
RESET 3)
V
IO,min, RESET
2.0
V
Reset Concept - AC Characteristics
Debounce time of input pin RESET
for activation soft reset mode
t
RESET,deb
10
µs
Minimum active time of RESET 4)
t
RESET,min
10
20
ms
Power Supply – DC Characteristics
Voltage drop between BSUP and
VST PIN
V
ST_drop
2
2.4
3
V
Maximum DC BUSP current
MAX_BUS_CURR
(0x20F) = 0xBF
I
BUSP(max)
11.4
12
12.6
mA
Electrical Characteristics (continued)
(V
BUSP = 19V … 33V, TAMB = -25°C … +85°C, unless otherwise noted. Positive currents are flowing into the device pins.
Typical values are at T
AMB = +25°C, unless otherwise noted.)
1) The WK pin is configurable as input or as output which sent a trigger pulse on received trigger telegram. To configure this
change bit EN_OUT to “0” in Register TRIGGER (0x214). Default configuration is output.
2) The RESET pin is an open drain input/output with pull current source to V
IO
3) The input at pin RESET is not active in reset and startup modes and in case of low V
IO
4) In case of RESET activation by E981.03.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com