Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E98103A38B Datasheet(PDF) 25 Page - ELMOS Semiconductor AG

Part # E98103A38B
Description  Autonomous MAC and individual physical address
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E98103A38B Datasheet(HTML) 25 Page - ELMOS Semiconductor AG

Back Button E98103A38B Datasheet HTML 21Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 22Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 23Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 24Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 25Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 26Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 27Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 28Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 29Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
25/51
Elmos Semiconductor AG
Data Sheet
QM-No.: 25DS0046E.03
PRODUCTION DATA - JAN 15, 2015
Elmos Semiconductor AG reserves the right to change the detail specifications as may be required to permit improvements in the design of its products.
KNX/ EIB TRANSCEIVER
E981.03
Service Name
UART control field
Remarks / Description
followed by n bytes
Hex
Bin
7 6 5 4 3 2 1 0
U_SetAddress
0x28
0010 1000
Set KNX physical address
- individual KNX address
(high byte)
- individual KNX address
(low byte)
A15 A14 A13 A12 A11 A10 A9 A8
A7 A6 A5 A4 A3 A2 A1 A0
U_SetAlarmTelegramm
0x29
0010 1001 KNX control field which is
sent in alarm condition
F1 F0
R
1 P1 P2 0
0
frame
format
Re-
peat
flag
priority
KNX control field
U_SetTriggerTelegram
0x2A 0010 1010
KNX control field which is
reason for a event detec-
tion
F1 F0
R
1 P1 P2 0
0
KNX control field
U_SetTriggerTelegramMask
0x2B
0010 1011
KNX control field mask
make it possible to detect a
event with several combi-
nations
M7 M6 M5 M4 M3 M2 M1 M0
U_ReadReg.request
0x2E
0010 1110
read access to the E981.03
internal memories
- address (high byte)
- address (low byte)
0
0
0
0
0
0 A9 A8
A7 A6 A5 A4 A3 A2 A1 A0
U_WriteReg
0x2F
0010 1111
write access to the E981.03
internal memories
- address (high byte)
- address (low byte)
- data byte
0
0
0
0
0
0 A9 A8
A7 A6 A5 A4 A3 A2 A1 A0
D7 D6 D5 D4 D3 D2 D1 D0
U_L_DataStart
0x80
1000 0000 Begin data telegram up-
load with KNX control field
F1 F0
R
1 P1 P0 0
0
KNX control field
U_L_DataContinue
0x81
...
0xBE
10xx xxxx
Upload data byte with in-
dex x
x: index (1 ... 62)
D7 D6 D5 D4 D3 D2 D1 D0
U_L_DataEnd
0x47
...
0x7F
01xx xxxx
Upload check sum with last
index x+1
x: last index+1 (7 ... 63)
C7 C6 C5 C4 C3 C2 C1 C0
It is calculated as logical NOT XOR
function over the individual bits of
the preceding bytes of the frame.
U_PollingState
0xE0
...
0xEF
1110 xxxx
Upload polling state in to
the expecting slot x
x: slot number (0 ... 14)
- PollAddrHigh
- PollAddrLow
- State
A15 A14 A13 A12 A11 A10 A9 A8
A7 A6 A5 A4 A3 A2 A1 A0
S7 S6 S5 S4 S3 S2 S1 S0
U_L_LongDataContinue
0xC0
0xC1
1100 000x
Upload data byte with in-
dex x(bit 8 .. 0)
(1 ... 263)
x: MSB (bit 8) of index
- index x(bit 7 ... 0)
- data byte
I7
I6
I5
I4
I3
I2
I1 I0
D7 D6 D5 D4 D3 D2 D1 D0
U_L_LongDataEnd
0xD0
0xD1 1101 000x
Upload check sum with last
index x+1
(bit 8 .. 0) (1 ... 264)
x: MSB (bit 8) of index
- index x(bit 7 ... 0)
- data byte
I7
I6
I5
I4
I3
I2
I1 I0
D7 D6 D5 D4 D3 D2 D1 D0
It is calculated as logical NOT XOR
function over the individual bits of
the preceding bytes of the frame.
An U_State.indication as a result of faulty UART control field is sent to the host as soon as possible in the follow-
ing cases:
•
protocol error flag set: undefined UART control field
•
receiver error flag set: time between subsequent bytes of a service longer than the defined timeout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com