Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E98103A38B Datasheet(PDF) 46 Page - ELMOS Semiconductor AG

Part # E98103A38B
Description  Autonomous MAC and individual physical address
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E98103A38B Datasheet(HTML) 46 Page - ELMOS Semiconductor AG

Back Button E98103A38B Datasheet HTML 42Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 43Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 44Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 45Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 46Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 47Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 48Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 49Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 50Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
46/51
Elmos Semiconductor AG
Data Sheet
QM-No.: 25DS0046E.03
PRODUCTION DATA - JAN 15, 2015
Elmos Semiconductor AG reserves the right to change the detail specifications as may be required to permit improvements in the design of its products.
KNX/ EIB TRANSCEIVER
E981.03
Register Name
Address
Description
RESET_CTRL
0x201
RESET_CTRL control register
Table 61. RESET_CTRL
back to Table 8 Register Table
back to Table 8 Register Table
Register SPI_PINS is used for SPI pin value accesses. Bits SCS and SCK reflect the state of IC pins in any case of op-
eration mode.
When SPI is switched off (bits ON1 and ON0 of register SPI_CTRL are both „0“) MOSI and MISO are used as gen-
eral purpose input / output of the E981.03 that can be controlled by host processor. Pins SCS and SCK can be
used as general purpose input pin.
RESET_CTRL
MSB
LSB
content
-
-
-
-
-
-
-
RST
hard reset value
0
0
0
0
0
0
0
0
soft reset value
-
-
-
-
-
-
-
0
access
R
R
R
R
R
R
R
R/W 1)
bit description
RST :
Writing a “1” to bit RST results in a transition to soft reset state. Writing to the RESET_CTRL
register is the way to initiate a soft reset via either host SPI or host UART interfaces.
SPI_PINS
MSB
LSB
content
-
-
MOSIEN
MISOEN
MISO
MOSI
SCSN
SCK
hard reset value
register bits reflect always the state of the physical pins
defining reset values makes no sense
soft reset value
SPI switched on
0
0
0
1
pin values
SPI switched off
access
R
R
R/W 1)
R/W 1)
R/W 1)
R/W 1)
R 1)
R 1)
bit description
MOSIEN : this bit set the pin direction 0 means high ohmic input 1 mean output.
MISOEN : this bit set the pin direction 0 means high ohmic input 1 mean output.
(enable for tri-state output)
MISO
: if the pin is used as a input this bit reflects the input state and
if the pin is used as a output the user write the output level.
MOSI
: if the pin is used as a input this bit reflects the input state and
if the pin is used as a output the user write the output level.
SCSN
: this bit reflects the input state of the SCS pin
SCK
: this bit reflects the input state of the SCK pin
Table 62. RESET_CTRL control register
Table 60. SPI pin access
1) Access via UART service and SPI possible.
1) Access via UART service and SPI possible. In case of hard or soft reset the register is reset to the hard reset value or soft reset
value respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com