Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E98103A38B Datasheet(PDF) 6 Page - ELMOS Semiconductor AG

Part # E98103A38B
Description  Autonomous MAC and individual physical address
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E98103A38B Datasheet(HTML) 6 Page - ELMOS Semiconductor AG

Back Button E98103A38B Datasheet HTML 2Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 3Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 4Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 5Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 6Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 7Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 8Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 9Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 10Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
6/51
Elmos Semiconductor AG
Data Sheet
QM-No.: 25DS0046E.03
PRODUCTION DATA - JAN 15, 2015
Elmos Semiconductor AG reserves the right to change the detail specifications as may be required to permit improvements in the design of its products.
KNX/ EIB TRANSCEIVER
E981.03
(V
BUSP = 19V … 33V, TAMB = -25°C … +85°C, unless otherwise noted. Positive currents are flowing into the device pins.
Typical values are at T
AMB = +25°C, unless otherwise noted.)
Description
Condition
Symbol
Min
Typ
Max
Unit
E981.03 Modes, Sequences and Functions - DC Characteristics
Voltage level at V33I pin for
activating hard reset mode
V
V33I,reset,act
2.6
Voltage level at V33I pin for leav-
ing hard reset mode
V
V33I,reset,deact
3.0
First voltage level at VST pin for
switching VCC supply on
V
ST,VCC,on,abs
16
V
Second voltage level at VST pin for
switching VCC supply on
V
VST,VCC,on,rel
-
V
BUSP,mean
- 6 V
-
V
Voltage level for switching
KNX IC current from BUSP to VST
V
VST,V33ana
-
12
-
V
Voltage level for switching VST
load current in soft start mode
to maximum level
V
VST,V33dig
15
V
Current at BUSP during soft
start
I
BUSP,SS
9
10
mA
Voltage level at VST pin for
switching VCC supply off
V
VST,VCC,off
9
V
Voltage level at VCC pin for RESET
deactivation (3.3 V)
V
VCC = 3.3 V
V
RESET,LH,3
2.8
3.05
V
Voltage level at VCC pin for RESET
deactivation (5V)
V
VCC = 5 V
V
RESET,LH,5
4.20
4.5
V
Voltage hysteresis at VCC pin for
RESET generation
V
RESET,VCC,hyst
0.095
V
Voltage level at VST pin for activa-
tion of SAVE pin
V
VST,SAVE,HL
13
15
V
Absolute V
VST level for
deactivation of SAVE pin
V
VST,SAVE,LH,abs
14
16
V
Relative V
VST level for
deactivation of SAVE pin
V
VST,SAVE,LH,rel
V
BUSP,mean
- 6 V
V
V
BUSP level for deactivation of SAVE
pin
V
BUSP,SAVE,LH
18.5
V
Hysteresis of SAVE pin
activation / deactivation levels
V
ST,SAVE,hyst
1
V
SAVE output voltage at logic-level
low
I
SAVE = 5 mA
V
IO = 5 V
V
SAVE,low,5
0.7
V
I
SAVE = 2 mA
V
SAVE,low,2
0.4
V
Pull up current at pin SAVE
V
SAVE = 0 V
V
IO = 5 V
I
SAVE,pu
-500
µA
Absolute V
20 supply activation
threshold
V
V20,on,abs
V
VST,SAVE,LH
+1 V
Relative V
20 supply activation
threshold
V
V20,on,rel
V
BUSP,mean
- 5 V
Absolute V
20 supply deactivation
threshold
V
V20,off,abs
V
VST,SAVE,HL
+1 V
3 Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com