Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E98103A38B Datasheet(PDF) 1 Page - ELMOS Semiconductor AG

Part # E98103A38B
Description  Autonomous MAC and individual physical address
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E98103A38B Datasheet(HTML) 1 Page - ELMOS Semiconductor AG

  E98103A38B Datasheet HTML 1Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 2Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 3Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 4Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 5Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 6Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 7Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 8Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 9Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
Elmos Semiconductor AG
Data Sheet
QM-No.: 25DS0046E.03
KNX/ EIB TRANSCEIVER
E981.03
1/51
Elmos Semiconductor AG reserves the right to change the detail specifications as may be required to permit improvements in the design of its products.
PRODUCTION DATA - JAN 15, 2015
Key Features
KNX® Interface
UART host interface
Included power supplies:
SPI™ host interface
Applications
Typical Application Circuit
ÿ Certified with KNX® TP1-256 application
ÿ Autonomous MAC and individual physical address
ÿ Included protocol handling
ÿ Included power supply for bus powered
applications with selectable bus current limitation
ÿ Extended frames with up to 254 byte payload
ÿ Analog Mode (direct RX / TX interface)
ÿ Autonomous Telegram trigger
ÿ Alarm Telegram
ÿ Autonomous poll data transfer
ÿ Supports 9.6 k, 19.2 k, 115.2 k
ÿ 9 bit mode for easy data stream interpretation
ÿ Optional CRC (at 19.2kBd and 115.2 kBd)
ÿ if not used 4 GPIOs are available
ÿ 20V supply, up to 20mA
ÿ 3.3V (70mA) / 5V (70mA) DC/DC converter
ÿ Sensors, actuators, routers, gateways,
Bus-powered or externally supplied
ÿ Security applications
is a Konnex Association registered trademark.
SPI™ is a Motorola Inc. trademark.
General Description
The E981.03 combines the TP1-256 physical layer, the
communication controller and two DC supply outputs
for bus powered applications. The internal power man-
agement assures KNX conformance under all load con-
ditions.
The connection between the E981.03 and the host pro-
cessor can be established by either UART or SPI compat-
ible interfaces, or in direct Analog Mode.
Ordering Information
Ordering-No.:
Temp Range
Package
E98103A38B
-25°C to +85°C
QFN32L7
RTX
RTXL
Typical Application Circuit **1
D1 BUSP
CREC
RTX
CREC
RTXH
RTXL
BUSN
EXTAL
XTAL
GND
RXD
TXD
VIO
SET_VCC
E981.03
BUS
Coupling
Module
VCC
RSET
TP1-256
+ -
U1
C33I
CST
CVCC
CCVCC
DSPS
LSPS
V33I
VST
SW
VCC
CCST
C20
V20
20V
CVIO
Q
Functional Diagram **2
(5) SETVCC
E981.03
(2) RESET
(1) OTEMP
clock
system
KNX / EIB
Interface
UART host
interface
(12) BUSP
(8) CREC
(11) RTXH
(10) RTXL
(9) BUSN
(23) EXTAL
(24) XTAL
(27) GND
(26) RXD
(25) TXD
(19) VIO
(31) MISO / GPIO
(30) MOSI / GPIO
(29) SCK / GPI
(28) SCS / GPI
SPI host
interface
CV20
(3) i.c.
(13) i.c.
IC supply
IC start-up
20V
Supply
Current
Limiter
ADC/DAC
Internal
Logic
(21) BS1
(20) BS0
(32) SAVE
(4) AOUT
Monitoring
Unit
(22) INT
Mode
Control
(7) WK / GPI
Switched
Power supply
C33I
CST
CVCC
CCVCC
DSPS
LSPS
(6)
V33I
(15)
VST
(17)
SW
VCC
CCST
(14)
V20
(16) i.c.
RVCC
(18)
VCC
V20
D1
CREC
RTX
+ -
U1
Q
TP1-256
+ -
Minimal Function of E981.03 **3
BUS
Coupling
Module
Application
Module
Q
U1
CCST CST
RTX
CREC
C33I
CVCC CCVCC
DSPS
LSPS
RVCC
CVIO
D1
DVIO
RSET
VVIO = VVCC
(50mA)
SETVCC=VIO
Q
VVIO
VVIO
GND
SCS
SCK
MISO
MOSI
TXD
RXD
33
V20
VST
i.c.
BUSN
RTXL
RTXH
BUSP
16
15
14
13
12
11
10
9
25
26
27
28
29
30
31
32
GND
MOSI
TXD
33
i.c.
E981.03
RTXL
16
15
14
13
12
11
10
9
25
26
27
28
29
30
31
32
SAVE
IC1
RTXL
Full Normal Mode Application **4
BUS
Coupling
Module
V
VIO
GPIO
Analog IN
GPIO / ResetN
GPIO
GPIO
VCC= 3.3V
VCC= 5V
OPEN= Alarm
VV20=20V / 20mA
VVCC
VVIO
GPIO
U1
CCST CST
CREC
C33I
CVCC CCVCC
DSPS
LSPS
RVCC
CVIO
D1
DVIO
RSET
Q
VVCC= 3.3V (50mA)
SETVCC=GND
VVCC= 5V (30mA)
SETVCC=VVIO
GND
SCS
SCK
MISO
MOSI
TXD
RXD
33
V20
VST
i.c.
BUSN
RTXL
RTXH
BUSP
16
15
14
13
12
11
10
9
25
26
27
28
29
30
31
32
GND
MOSI
TXD
33
i.c.
E981.03
RTXL
16
15
14
13
12
11
10
9
25
26
27
28
29
30
31
32
SAVE
IC1
C20
RTXL
RTXL


Similar Part No. - E98103A38B

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E981.07 ELMOS-E981.07 Datasheet
533Kb / 46P
Two independent operating channels
E981.08 ELMOS-E981.08 Datasheet
557Kb / 47P
Four independent operating channels
E981.10 ELMOS-E981.10 Datasheet
881Kb / 19P
BASIC IO-LINK TRANSCEIVER
More results

Similar Description - E98103A38B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACD80800 ETC1-ACD80800 Datasheet
103Kb / 19P
Address Resolution Logic (8K MAC Addresses)
logo
STMicroelectronics
RM0321 STMICROELECTRONICS-RM0321 Datasheet
3Mb / 584P
SPEAr320S address map and registers
28-Nov-2012
logo
List of Unclassifed Man...
POLYPADK-4 ETC2-POLYPADK-4 Datasheet
557Kb / 2P
Excellent dielectric and physical strength
logo
Texas Instruments
TS3A227E TI1-TS3A227E Datasheet
1Mb / 59P
Autonomous Audio Accessory Detection and Configuration Switch
logo
celduc-relais
P3S79129 CELDUC-P3S79129 Datasheet
890Kb / 6P
AUTONOMOUS Safety Sensor
logo
NXP Semiconductors
MC33772 NXP-MC33772 Datasheet
302Kb / 2P
Controller and Transformer Physical Layer
REV 4
logo
ON Semiconductor
FUSB301A ONSEMI-FUSB301A Datasheet
315Kb / 14P
Autonomous USB Type-C Controller with Configurable I2C Address
June, 2018 ??Rev. 0
logo
Mallory Sonalert Produc...
ZT028LAIC1G MSPI-ZT028LAIC1G Datasheet
117Kb / 1P
INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LAIC3G MSPI-ZT028LAIC3G Datasheet
117Kb / 1P
INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LDIC3R MSPI-ZT028LDIC3R Datasheet
135Kb / 1P
INDIVIDUAL CONTROL OF LIGHT AND SOUND
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com