Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB3IPFPEP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB3IPFPEP
Description  IEEE 1394a-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41AB3IPFPEP Datasheet(HTML) 3 Page - Texas Instruments

  TSB41AB3IPFPEP Datasheet HTML 1Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 2Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 3Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 4Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 5Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 6Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 7Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 8Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
TSB41AB3EP
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SGLS122C − JULY 2002 − REVISED JUNE 2008
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
connected to its corresponding TPBIAS voltage terminal. The midpoint of the pair of resistors that is directly
connected to the twisted-pair B terminals is coupled to ground through a parallel R-C network with
recommended values of 5 k
Ω and 220 pF. The values of the external line-termination resistors are designed
to meet the standard specifications when connected in parallel with the internal receiver circuits. An external
resistor connected between the R0 and R1 terminals sets the driver output current, along with other internal
operating currents. This current setting resistor has a value of 6.34 k
Ω ±1%.
When the power supply of the TSB41AB3 is off while the twisted-pair cables are connected, the TSB41AB3
transmitter and receiver circuitry presents a high-impedance signal to the cable and does not load the TPBIAS
voltage at the other end of the cable.
When the TSB41AB3 is used without one or more of the ports brought out to a connector, the twisted-pair
terminals of the unused ports must be terminated for reliable operation. For each unused port, the TPB+ and
TPB− terminals can be tied together and then pulled to ground through a 1-k
Ω resistor, or the TPB+ and TPB−
terminals can be connected to the suggested termination network. The TPA+ and TPA− terminals of an unused
port can be left unconnected. The TPBias terminal can be connected to a 1-
µF capacitor to ground or left
floating.
The TESTM, SE, and SM terminals are used to set up various manufacturing test conditions. For normal
operation, it is recommended that the TESTM terminal be connected to VDD through a 1-kΩ resistor, and SE
be tied to ground through a 1-k
Ω resistor, while SM is connected directly to ground.
Four package terminals are used as inputs to set the default value for four configuration status bits in the self-ID
packet and are tied high through a 1-k
Ω resistor or hardwired low as a function of the equipment design. The
PC0–PC2 terminals are used to indicate the default power-class status for the node (the need for power from
the cable or the ability to supply power to the cable). See Table 9 for power-class encoding. The C/LKON
terminal is used as an input to indicate that the node is a contender either isochronous resource manager (IRM)
or for bus manager (BM).
The TSB41AB3 supports suspend/resume as defined in the IEEE 1394a-2000 specification. The suspend
mechanism allows pairs of directly-connected ports to be placed into a low-power conservation state
(suspended state) while maintaining a port-to-port connection between 1394 bus segments. While in the
suspended state, a port is unable to transmit or receive data transaction packets. However, a port in the
suspended state is capable of detecting connection status changes and detecting incoming TPBias. When all
three ports of the TSB41AB3 are suspended, all circuits except the band gap reference generator and bias
detection circuits are powered down resulting in significant power savings. For additional details of
suspend/resume operation refer to the 1394a-2000 specification. The use of suspend/resume is recommended
for new designs.
The port transmitter and receiver circuitry is disabled during power down (when the PD input terminal is asserted
high), during reset (when the RESET input terminal is asserted low), when no active cable is connected to the
port, or when controlled by the internal arbitration logic. The TPBias output is disabled during power down,
during reset, or when the port is disabled as commanded by the LLC.
The CNA (cable-not-active) terminal provides a high when there are no twisted-pair cable ports receiving
incoming bias (i.e., they are either disconnected or suspended) and can be used along with LPS to determine
when to power down the TSB41AB3. The CNA output is not debounced. When the PD terminal is asserted high,
the CNA detection circuitry is enabled (regardless of the previous state of the ports) and a pulldown is activated
on the RESET terminal so as to force a reset of the TSB41AB3 internal logic.
The link power status (LPS) terminal works with the C/LKON terminal to manage the power usage in the node.
The LPS signal from the LLC is used in conjunction with the LCtrl bit (see Table 1 and Table 2 in the
APPLICATION INFORMATION section) to indicate the active/power status of the LLC. The LPS signal is also
used to reset, disable, and initialize the PHY-LLC interface (the state of the PHY-LCC interface is controlled
solely by the LPS input regardless of the state of the LCtrl bit).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com