Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB3IPFPEP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB3IPFPEP
Description  IEEE 1394a-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41AB3IPFPEP Datasheet(HTML) 1 Page - Texas Instruments

  TSB41AB3IPFPEP Datasheet HTML 1Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 2Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 3Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 4Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 5Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 6Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 7Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 8Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
TSB41AB3EP
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SGLS122C − JULY 2002 − REVISED JUNE 2008
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
D Extended Temperature Performance of
−40
°C to 85°C and −55°C to 125°C
D Enhanced Diminishing Manufacturing
Sources (DMS) Support
D Enhanced Product Change Notification
D Qualification Pedigree†
D Fully Supports Provisions of IEEE
1394-1995 Standard for High Performance
Serial Bus‡ and the 1394a-2000
Supplement
D Fully Interoperable With FireWire and
i.LINK
 Implementation of IEEE Std 1394
D Fully Compliant With Open HCI
Requirements
D Provides Three 1394a-2000 Fully-Compliant
Cable Ports at 100/200/400 Megabits Per
Second (Mbits/s)
D Full 1394a-2000 Support Includes:
Connection Debounce, Arbitrated Short
Reset, Multispeed Concatenation,
Arbitration Acceleration, Fly-By
Concatenation, Port
Disable/Suspend/Resume
D Extended Resume Signaling for
Compatibility With Legacy DV Devices
D Ultralow Power Sleep Mode
D Node Power Class Information Signaling
for System Power Management
D Cable Power Presence Monitoring
† Component qualification in accordance with JEDEC and industry
standards to ensure reliable operation over an extended
temperature range. This includes, but is not limited to, Highly
Accelerated Stress Test (HAST) or biased 85/85, temperature
cycle, autoclave or unbiased HAST, electromigration, bond
intermetallic life, and mold compound life. Such qualification
testing should not be viewed as justifying use of this component
beyond specified performance and environmental limits.
D Cable Ports Monitor Line Conditions for
Active Connection to Remote Node
D Power-Down Features to Conserve Energy
in Battery Powered Applications Include:
Automatic Device Power Down During
Suspend, Device Power-Down Terminal,
Link Interface Disable via LPS, and Inactive
Ports Powered Down
D Data Interface to Link-Layer Controller
Through 2/4/8 Parallel Lines at 49.152 MHz
D Interface to Link Layer Controller Supports
Low-Cost TI Bus-Holder Isolation and
Optional Annex J Electrical Isolation
D Interoperable With Link-Layer Controllers
Using 3.3-V and 5-V Supplies
D Interoperable With Other Physical Layers
(PHYs) Using 3.3-V and 5-V Supplies
D Low Cost 24.576-MHz Crystal Provides
Transmit Receive Data at 100/200/400
Mbits/s, and Link-Layer Controller Clock at
49.152 MHz
D Separate Cable Bias (TPBIAS) for Each Port
D Single 3.3-V Supply Operation
D Low-Cost High Performance 80-Pin TQFP
(PFP) Thermally Enhanced Package
D Direct Drop-In Upgrade for
TSB41LV03APFP and TSB41LV03PFP
D Software Device Reset (SWR)
D Fail-Safe Circuitry Senses Sudden Loss of
Power to the Device and Disables the Ports
to Ensure That the TSB41AB3 Does Not
Load the TPBIAS of Any Connected Device
and Blocks Any Leakage From the Port
Back to Power Plane
D The TSB41AB3 Has a 1394a Compliant
Common-Mode Noise Filter on the
Incoming Bias Detect Circuit to Filter Out
Cross-Talk Noise
Copyright
 2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
PowerPAD is a trademark of Texas Instruments.
‡Implements technology covered by one or more patents of Apple Computer, Incorporated and SGS Thompson, Limited.
i.LINK is a trademark of Sony Corporation
FireWire is a trademark of Apple Computer, Incorporated.


Similar Part No. - TSB41AB3IPFPEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB41AB3IPFPEP TI-TSB41AB3IPFPEP Datasheet
729Kb / 52P
IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3IPFPEP TI1-TSB41AB3IPFPEP Datasheet
859Kb / 56P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3IPFPEP TI2-TSB41AB3IPFPEP Datasheet
882Kb / 56P
IEEE 1394a-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
REVISED JUNE 2008
TSB41AB3IPFPEP.A TI2-TSB41AB3IPFPEP.A Datasheet
882Kb / 56P
IEEE 1394a-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
REVISED JUNE 2008
More results

Similar Description - TSB41AB3IPFPEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB41LV01 TI-TSB41LV01 Datasheet
615Kb / 49P
IEEE 1394A ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV03A TI-TSB41LV03A Datasheet
638Kb / 50P
IEEE 1394a THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV04A TI-TSB41LV04A Datasheet
625Kb / 49P
IEEE 1394a FOUR-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI-TSB41AB1 Datasheet
1Mb / 60P
IEEE 1394A 2000 ONE PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3-EP TI-TSB41AB3-EP Datasheet
729Kb / 52P
IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
TSB41LV03A TI1-TSB41LV03A_14 Datasheet
271Kb / 11P
IEEE 1394a THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB2 TI1-TSB41AB2_14 Datasheet
1Mb / 55P
IEEE 1394a-2000 TWO-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI1-TSB41AB1_14 Datasheet
1Mb / 71P
IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI1-TSB41AB1_19 Datasheet
1Mb / 72P
IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com