Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB3IPFPEP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB3IPFPEP
Description  IEEE 1394a-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41AB3IPFPEP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TSB41AB3IPFPEP Datasheet HTML 7Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 8Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 9Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 10Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 11Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 12Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 13Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 14Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
TSB41AB3EP
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SGLS122C − JULY 2002 − REVISED JUNE 2008
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM†
MAX
UNIT
Supply voltage, VDD
Source power node
3
3.3
3.6
V
Supply voltage, VDD
Non-source power node
3‡
3.3
3.6
V
High-level input voltage, VIH
Case1 (bus holder): ISO = VDD, VDD(5V) = VDD
Case2 (5 V Tol): ISO = VDD, VDD(5V) = 5 V
LREQ, CTL0, CTL1, D0−D7
2.6
V
High-level input voltage, VIH
C/LKON, PC0, PC1, PC2, ISO, PD
0.7
×VDD
V
RESET
0.6
×VDD
Low-level input voltage, VIL
Case1 (bus holder): ISO = VDD, VDD(5V) = VDD
Case2 (5 V Tol): ISO = VDD, VDD(5V) = 5 V
LREQ, CTL0, CTL1, D0−D7
1.2
V
Low-level input voltage, VIL
C/LKON, PC0, PC1, PC2, ISO, PD
0.2
×VDD
V
RESET
0.3
×VDD
Output current, IO
TPBIAS outputs
−5.6
1.3
mA
Differential input voltage, VID
Cable inputs, during data reception
118
260
mV
Differential input voltage, VID
Cable inputs, during arbitration
168
265
mV
Common-mode input voltage, VIC
TPB cable inputs, Source power node
0.4706
2.515
V
Common-mode input voltage, VIC
TPB cable inputs, Nonsource power node
0.4706
2.015‡
V
Power-up reset time, t(pu)
RESET input
2
ms
TPA, TPB cable inputs, S100 operation
±1.08
Receive input jitter
TPA, TPB cable inputs, S200 operation
±0.5
ns
Receive input jitter
TPA, TPB cable inputs, S400 operation
±0.315
ns
Between TPA and TPB cable inputs, S100 operation
±0.8
Receive input skew
Between TPA and TPB cable inputs, S200 operation
±0.55
ns
Receive input skew
Between TPA and TPB cable inputs, S400 operation
±0.5
ns
† All typical values are at VDD = 3.3 V and TA = 25°C.
‡ For a node that does not source power; see Section 4.2.2.2 in IEEE 1394a-2000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com