Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB3IPFPEP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB3IPFPEP
Description  IEEE 1394a-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41AB3IPFPEP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TSB41AB3IPFPEP Datasheet HTML 6Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 7Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 8Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 9Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 10Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 11Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 12Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 13Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
TSB41AB3EP
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SGLS122C − JULY 2002 − REVISED JUNE 2008
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (see Note 2) (unless otherwise
noted)†
Supply voltage range, VDD (see Note 1)
−0.3 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5-V tolerant I/O supply voltage range, VDD(5V)
−0.3 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5-V tolerant input voltage range, VI(5V)
−0.5 V to VDD(5V) + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range at any output, VO
−0.5 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free air temperature range, TA: I-temperature device
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . .
M-temperature device
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values, except differential I/O bus voltages, are with respect to network ground.
NOTE 2: ”Long term high-temperature storage and/or extended use at maximum recommended operating conditions may result in a reduction
of overall device life. See www.ti.com/ep_quality for additional information on enhanced plastic packaging.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com