Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB3IPFPEP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB3IPFPEP
Description  IEEE 1394a-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41AB3IPFPEP Datasheet(HTML) 4 Page - Texas Instruments

  TSB41AB3IPFPEP Datasheet HTML 1Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 2Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 3Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 4Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 5Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 6Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 7Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 8Page - Texas Instruments TSB41AB3IPFPEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
TSB41AB3EP
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SGLS122C − JULY 2002 − REVISED JUNE 2008
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The LPS input is considered inactive if it remains low for more than 2.6
µs and is considered active otherwise.
When the TSB41AB3 detects that LPS is inactive, it places the PHY-LLC interface into a low-power reset state
in which the CTL and D outputs are held in the logic zero state and the LREQ input is ignored; however, the
SYSCLK output remains active. If the LPS input remains low for more than 26
µs, the PHY-LLC interface is put
into a low-power disabled state in which the SYSCLK output is also held inactive. The PHY-LLC interface is also
held in the disabled state during hardware reset. The TSB41AB3 continues the necessary repeater functions
required for normal network operation regardless of the state of the PHY−LLC interface. When the interface is
in the reset or disabled state and LPS is again observed active, the PHY initializes the interface and returns it
to normal operation.
When the PHY-LLC interface is in the low-power disabled state, the TSB41AB3 automatically enters a
low-power mode if all ports are inactive (disconnected, disabled, or suspended). In this low-power mode, the
TSB41AB3 disables its internal clock generators and also disables various voltage and current reference
circuits, depending on the state of the ports (some reference circuitry must remain active in order to detect new
cable connections, disconnections, or incoming TPBias, for example). The lowest power consumption (the
ultralow power sleep mode) is attained when all ports are either disconnected, or disabled with the port’s
interrupt enable bit cleared. The TSB41AB3 exits the low-power mode when the LPS input is asserted high or
when a port event occurs which requires that the TSB41AB3 become active in order to respond to the event
or to notify the LLC of the event (incoming bias is detected on a suspended port, a disconnection is detected
on a suspended port, a new connection is detected on a nondisabled port). The SYSCLK output becomes active
(and the PHY-LLC interface is initialized and becomes operative) within 7.3 ms after LPS is asserted high when
the TSB41AB3 is in the low-power mode.
The PHY uses the C/LKON terminal to notify the LLC to power up and become active. When activated, the
C/LKON signal is a square wave of approximately 163-ns period. The PHY activates the C/LKON output when
the LLC is inactive and a wake-up event occurs. The LLC is considered inactive when either the LPS input is
inactive, as described above, or the LCtrl bit is cleared to 0. A wake-up event occurs when a link-on PHY packet
addressed to this node is received, or conditionally when a PHY interrupt occurs. The PHY deasserts the
C/LKON output when the LLC becomes active (both LPS active and the LCtrl bit set to 1). The PHY also
deasserts the C/LKON output when a bus-reset occurs unless a PHY interrupt condition exists which otherwise
causes C/LKON to be active.
ORDERING INFORMATION{
TA
PACKAGE}
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 85°C
PQFP − PFP
TSB41AB3IPFPEP
TSB41AB3IEP
−55
°C to 125°C
PQFP − PFP
TSB41AB3MPFPEP
TSB41AB3MEP
† For the most current package and ordering information, see the Package Option Addendum
at the end of this document, or see the TI web site at http://www.ti.com.
‡ Package
drawings,
thermal
data,
and
symbolization
are
available
at
http://www.ti.com/packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com