Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3914 Datasheet(PDF) 48 Page - Microchip Technology

Part # MCP3914
Description  3V Eight-Channel Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3914 Datasheet(HTML) 48 Page - Microchip Technology

Back Button MCP3914 Datasheet HTML 44Page - Microchip Technology MCP3914 Datasheet HTML 45Page - Microchip Technology MCP3914 Datasheet HTML 46Page - Microchip Technology MCP3914 Datasheet HTML 47Page - Microchip Technology MCP3914 Datasheet HTML 48Page - Microchip Technology MCP3914 Datasheet HTML 49Page - Microchip Technology MCP3914 Datasheet HTML 50Page - Microchip Technology MCP3914 Datasheet HTML 51Page - Microchip Technology MCP3914 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 80 page
background image
MCP3914
DS20005216A-page 48
 2013 Microchip Technology Inc.
6.10
Locking/Unlocking Register Map
Write Access
The MCP3914 digital interface includes an advanced
security feature that permits locking or unlocking the
register map write access. This feature prevents the
miscommunications that can corrupt the desired
configuration of the device, especially an SPI read
becoming an SPI write because of the noisy
environment.
The last register address of the register map
(0x1F: LOCK/CRC) contains the LOCK<7:0> bits. If
these bits are equal to the password value (which is
equal to the default value of 0xA5), the register map
write access is not locked. Any write can take place and
the communications are not protected.
When the LOCK<7:0> bits are different than 0xA5, the
register map write access is locked. The register map,
and therefore the full device configuration, is write-
protected. Any write to an address other than 0x1F will
yield no result. All the register addresses, except the
address 0x1F, become read-only. In this case, if the
user wants to change the configuration, the
LOCK<7:0> bits have to be reprogrammed back to
0xA5 before sending the desired write command.
The LOCK<7:0> bits are located in the last register, so
the user can program the whole register map, starting
from 0x09 to 0x1E within one continuous write
sequence, and then lock the configuration at the end of
the sequence by writing all zeros, in the address 0x1F
for example.
6.11
Detecting Configuration Change
Through CRC-16 Checksum On
Register Map and its Associated
Interrupt Flag
In order to prevent internal corruption of the register
and to provide additional security on the register map
configuration, the MCP3914 device includes an
automatic and continuous CRC checksum calculation
on the full register map configuration bits. This
calculation is not the same as the communication CRC
checksum described in Section 6.9 “Securing Read
Communications Through CRC-16 Checksum”
.
This calculation takes the full register map as the CRC
message
and
outputs
a
checksum
on
the
CRCREG<15:0> bits located in the LOCK/CRC
register (address 0x1F).
Since this feature is intended for protecting the
configuration of the device, this calculation is run
continuously only when the register map is locked
(LOCK<7:0> different than 0xA5, see Section 6.10,
Locking/Unlocking Register Map Write Access
). If
the register map is unlocked, the CRCREG<15:0> bits
are cleared and no CRC is calculated.
The calculation is fully completed in 25 DMCLK periods
and refreshed every 25 DMCLK periods continuously.
The CRCREG<15:0> bits are reset when a POR or a
hard reset occurs. All the bits contained in the registers
from addresses 0x09 — 0x1F are processed by the
CRC engine to give the CRCREG<15:0>. The
DRSTATUS<7:0> bits are set to '1' (default) and the
CRCREG<15:0> bits are set to '0' (default) for this
calculation engine, as they could vary during the
calculation.
An interrupt flag can be enabled through the EN_INT
bit in the STATUSCOM register and provided on the DR
pin when the configuration has changed without a write
command being processed. This interrupt is a logic low
state. This interrupt is cleared when the register map is
unlocked (since the CRC calculation is not processed).
At power-up, the interrupt is not present and the
register map is unlocked. As soon as the user finishes
writing its configuration, the user needs to lock the
register map (writing 0x00 for example in the LOCK
bits) to be able to use the interrupt flag. The
CRCREG<15:0> bits will be calculated for the first time
in 25 DMCLK periods. This first value will then be the
reference checksum value and will be latched
internally, until a Hard Reset, a POR, or an unlocking of
the register map happens. The CRCREG<15:0> will
then be calculated continuously and checked against
the reference checksum. If the CRCREG<15:0> is
different than the reference, the interrupt sends a flag
by setting the DR pin to a logic low state until it is
cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com