Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3914 Datasheet(PDF) 77 Page - Microchip Technology

Part # MCP3914
Description  3V Eight-Channel Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3914 Datasheet(HTML) 77 Page - Microchip Technology

Back Button MCP3914 Datasheet HTML 72Page - Microchip Technology MCP3914 Datasheet HTML 73Page - Microchip Technology MCP3914 Datasheet HTML 74Page - Microchip Technology MCP3914 Datasheet HTML 75Page - Microchip Technology MCP3914 Datasheet HTML 76Page - Microchip Technology MCP3914 Datasheet HTML 77Page - Microchip Technology MCP3914 Datasheet HTML 78Page - Microchip Technology MCP3914 Datasheet HTML 79Page - Microchip Technology MCP3914 Datasheet HTML 80Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 77 / 80 page
background image
 2013 Microchip Technology Inc.
DS20005216A-page 77
MCP3914
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP3914:
Eight-Channel Analog Front-End Converter
Address Options:
XX
A6
A5
A0
=
0
0
A1*
=
0
1
A2
=
1
0
A3
=
1
1
* Default option. Contact Microchip factory for other address
options.
Tape and Reel Option:
Blank = Standard packaging (tube or tray)
T
= Tape and Reel(1)
Temperature Range:
E
= -40°C to +125°C
Package:
MV = Plastic Ultra Thin Quad Flat, No Lead package
(UQFN)
Examples:
a)
MCP3914A1-E/MV:
Extended Temperature,
40LD UQFN package.
b)
MCP3914A1T-E/MV: Tape and Reel,
Extended Temperature,
40LD UQFN package.
PART NO.
X
Temperature
Range
Device
/XX
Package
[X](1)
Tape and
Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identi-
fier is used for ordering purposes and is not
printed on the device package. Check with
your Microchip sales office for package
availability for the Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com