Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3914 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP3914
Description  3V Eight-Channel Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3914 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP3914 Datasheet HTML 14Page - Microchip Technology MCP3914 Datasheet HTML 15Page - Microchip Technology MCP3914 Datasheet HTML 16Page - Microchip Technology MCP3914 Datasheet HTML 17Page - Microchip Technology MCP3914 Datasheet HTML 18Page - Microchip Technology MCP3914 Datasheet HTML 19Page - Microchip Technology MCP3914 Datasheet HTML 20Page - Microchip Technology MCP3914 Datasheet HTML 21Page - Microchip Technology MCP3914 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 80 page
background image
MCP3914
DS20005216A-page 18
 2013 Microchip Technology Inc.
3.1
ADC Differential Analog Inputs
(CHn+/CHn-)
The CHn+/- pins (n comprised between 0 and 7) are
the eight fully-differential analog voltage inputs for the
delta-sigma ADCs.
The linear and specified region of the channels are
dependent on the PGA gain. This region corresponds
to a differential voltage range of ±600 mV/GAIN with
VREF = 1.2V.
The maximum absolute voltage, with respect to AGND,
for each CHn+/- input pin is ±1V with no distortion, and
±2V with no breaking after continuous voltage. This
maximum absolute voltage is not proportional to the
VREF voltage.
3.2
Non-Inverting Reference Input,
Internal Reference Output
(REFIN+/OUT)
This pin is the non-inverting side of the differential
voltage reference input for all ADCs or the internal
voltage reference output.
When VREFEXT = 1, an external voltage reference
source can be used, and the internal voltage reference
is disabled. When using an external differential voltage
reference, it should be connected to its VREF+ pin.
When using an external single-ended reference, it
should be connected to this pin.
When VREFEXT = 0, the internal voltage reference is
enabled and connected to this pin through a switch.
This voltage reference has minimal drive capability and
thus needs proper buffering and bypass capacitances
(a 0.1 µF ceramic capacitor is sufficient in most cases),
if used as a voltage source.
If the voltage reference is only used as an internal
VREF, adding bypass capacitance on REFIN+/OUT is
not necessary for keeping ADC accuracy, but a minimal
0.1 µF ceramic capacitance can be connected to avoid
EMI/EMC susceptibility issues due to the antenna
created by the REFIN+/OUT pin if left floating.
3.3
Inverting Reference Input (REFIN-)
This pin is the inverting side of the differential voltage
reference input for all ADCs. When using an external
differential voltage reference, it should be connected to
its VREF- pin. When using an external single-ended
voltage reference, or when VREFEXT = 0 (default) and
using the internal voltage reference, the pin should be
directly connected to AGND.
3.4
Analog Power Supply (AVDD)
AVDD is the power supply voltage for the analog cir-
cuitry within the MCP3914. It is distributed on several
pins (pins 18 and 35). For optimal performance, con-
nect these pins together using a star connection, and
connect the appropriate bypass capacitors (typically a
10 µF in parallel with a 0.1 µF ceramic). AVDD should
be maintained between 2.7V and 3.6V for specified
operation.
To ensure proper functionality of the device, at least
one of these pins must be properly connected. To
ensure optimal performance of the device, all the pins
must be properly connected. If any of these pins are left
floating, the accuracy and noise specifications are not
ensured.
3.5
Analog Ground (AGND)
AGND is the ground reference voltage for the analog
circuitry within the MCP3914. It is distributed on several
pins (pins 17 and 36). For optimal performance, it is
recommended to connect these pins together using a
star connection, and to connect it to the same ground
node voltage as DGND, again preferably with a star
connection.
At least one of these pins need to be properly
connected to ensure proper functionality of the device.
All of these pins need to be properly connected to
ensure optimal performance of the device. If any of
these pins are left floating, the accuracy and noise
specifications are not ensured. If an analog ground
plane is available, it is recommended that these pins be
tied to this plane of the PCB. This plane should also
reference all other analog circuitry in the system.
3.6
Digital Power Supply (DVDD)
DVDD is the power supply voltage for the digital circuitry
within the MCP3914. It is distributed on several pins
(pins 20 and 33). For optimal performance, it is
recommended to connect these pins together using a
star connection and to connect appropriate bypass
capacitors (typically a 10 µF in parallel with a 0.1 µF
ceramic). DVDD should be maintained between 2.7V
and 3.6V for specified operation.
At least one of these pins need to be properly con-
nected to ensure proper functionality of the device. All
of these pins need to be properly connected to ensure
optimal performance of the device. If any of these pins
are left floating, the accuracy and noise specifications
are not ensured.
3.7
Digital Ground (DGND)
DGND is the ground reference voltage for the digital
circuitry within the MCP3914. It is distributed on several
pins: 21, 24 and 32. For optimal performance, connect
these pins together using a star connection and
connect it to the same ground node voltage as AGND,
again preferably with a star connection.
At least one of these pins need to be properly
connected to ensure proper functionality of the device.
All of these pins need to be properly connected to
ensure optimal performance of the device. If any of
these pins are left floating, the accuracy and noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com