Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3914 Datasheet(PDF) 57 Page - Microchip Technology

Part # MCP3914
Description  3V Eight-Channel Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3914 Datasheet(HTML) 57 Page - Microchip Technology

Back Button MCP3914 Datasheet HTML 53Page - Microchip Technology MCP3914 Datasheet HTML 54Page - Microchip Technology MCP3914 Datasheet HTML 55Page - Microchip Technology MCP3914 Datasheet HTML 56Page - Microchip Technology MCP3914 Datasheet HTML 57Page - Microchip Technology MCP3914 Datasheet HTML 58Page - Microchip Technology MCP3914 Datasheet HTML 59Page - Microchip Technology MCP3914 Datasheet HTML 60Page - Microchip Technology MCP3914 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
 2013 Microchip Technology Inc.
DS20005216A-page 57
MCP3914
TABLE 8-2:
REGISTER MAP GROUPING FOR ALL CONTINUOUS READ/WRITE MODES
Function
Address
READ<1:0>
WRITE
= “11”
= “10”
= “01”
= “00”
= “1”
= “0”
CHANNEL 0
0x00
GROUP
Static
CHANNEL 1
0x01
Static
CHANNEL 2
0x02
GROUP
Static
CHANNEL 3
0x03
Static
CHANNEL 4
0x04
GROUP
Static
CHANNEL 5
0x05
Static
CHANNEL 6
0x06
GROUP
Static
CHANNEL 7
0x07
Static
MOD
0x08
GROUP
Static
Static
PHASE0
0x09
Static
Static
PHASE1
0x0A
Static
Static
GAIN
0x0B
Static
Static
STATUSCOM
0x0C
GROUP
Static
Static
CONFIG0
0x0D
Static
Static
CONFIG1
0x0E
Static
Static
OFFCAL_CH0
0x0F
GROUP
Static
Static
GAINCAL_CH0
0x10
Static
Static
OFFCAL_CH1
0x11
GROUP
Static
Static
GAINCAL_CH1
0x12
Static
Static
OFFCAL_CH2
0x13
GROUP
Static
Static
GAINCAL_CH2
0x14
Static
Static
OFFCAL_CH3
0x15
GROUP
Static
Static
GAINCAL_CH3
0x16
Static
Static
OFFCAL_CH4
0x17
GROUP
Static
Static
GAINCAL_CH4
0x18
Static
Static
OFFCAL_CH5
0x19
GROUP
Static
Static
GAINCAL_CH5
0x1A
Static
Static
OFFCAL_CH6
0x1B
GROUP
Static
Static
GAINCAL_CH6
0x1C
Static
Static
OFFCAL_CH7
0x1D
GROUP
Static
Static
GAINCAL_CH7
0x1E
Static
Static
LOCK/CRC
0x1F
GROUP
Static
Static



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com