Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3914 Datasheet(PDF) 69 Page - Microchip Technology

Part # MCP3914
Description  3V Eight-Channel Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3914 Datasheet(HTML) 69 Page - Microchip Technology

Back Button MCP3914 Datasheet HTML 65Page - Microchip Technology MCP3914 Datasheet HTML 66Page - Microchip Technology MCP3914 Datasheet HTML 67Page - Microchip Technology MCP3914 Datasheet HTML 68Page - Microchip Technology MCP3914 Datasheet HTML 69Page - Microchip Technology MCP3914 Datasheet HTML 70Page - Microchip Technology MCP3914 Datasheet HTML 71Page - Microchip Technology MCP3914 Datasheet HTML 72Page - Microchip Technology MCP3914 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
 2013 Microchip Technology Inc.
DS20005216A-page 69
MCP3914
8.10
SECURITY Register – Password
And CRC-16 On Register Map
REGISTER 8-10:
GAINCAL_CHN REGISTERS
R/W-0
R/W-0
R/W-0
...
R/W-0
R/W-0
R/W-0
R/W-0
GAIN-
CAL_CHn<23>
GAIN-
CAL_CHn<22>
GAIN-
CAL_CHn<21>
...
GAIN-
CAL_CHn<3>
GAIN-
CAL_CHn<2>
GAIN-
CAL_CHn<1>
GAIN-
CAL_CHn<0>
bit 23
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23-0
GAINCAL_CHn:
Digital gain error calibration value for the corresponding channel CHn. This register
is 24-bit signed MSB first coding with a range of -1x to +0.9999999x (from 0x800000 to 0x7FFFFF).
The gain calibration adds 1x to this register and multiplies it to the output code of the channel bit-by-bit,
after offset calibration. The range of the gain calibration is thus from 0x to 1.9999999x (from 0x800000
to 0x7FFFFF). The LSB corresponds to a 2-23 increment in the multiplier. CHn Output
Code = (GAINCAL_CHn+1)*ADC CHn Output Code. This register is a Don't Care if EN_GAINCAL = 0
(Gain calibration disabled) but its value is not cleared by the EN_GAINCAL bit.
Name
Bits
Address
Cof.
LOCK/CRC
24
0x1F
R/W
REGISTER 8-11:
LOCK/CRC REGISTER
R/W-1
R/W-0
R/W-1
R/W-0
R/W-0
R/W-1
R/W-0
R/W-1
LOCK<7>
LOCK<6>
LOCK<5>
LOCK<4>
LOCK<3>
LOCK<2>
LOCK<1>
LOCK<0>
bit 23
bit 16
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
CRCREG<15>
CRCREG<14>
CRCREG<13>
CRCREG<12>
CRCREG<11>
CRCREG<10>
CRCREG<9>
CRCREG<8>
bit 15
bit 8
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
CRCREG<7>
CRCREG<6>
CRCREG<5>
CRCREG<4>
CRCREG<3>
CRCREG<2>
CRCREG<1>
CRCREG<0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23-16
LOCK<7:0>:
Lock Code for the writable part of the register map
LOCK<7:0> = PASSWORD =0xA5 (Default value): The entire register map is writable. The CRCREG<15:0> bits
and the CRC Interrupt are cleared. No CRC-16 checksum on register map is calculated.
LOCK<7:0> different than 0xA5: The only writable register is the LOCK/CRC register. All other registers will appear
as undefined while in this mode. The CRCREG checksum is calculated continuously and can generate inter-
rupts if the CRC Interrupt EN_INT bit has been enabled. If a write to a register needs to be performed, the user
needs beforehand to unlock the register map by writing 0xA5 to the LOCK<7:0> bits.
bit 15-0
CRCREG<15:0>:
CRC-16 Checksum that is calculated with the writable part of the register map as a message. This
is a read-only 16-bit code. This checksum is continuously recalculated and updated every 25 DMCLK periods.
It is reset to its default value (0x0000) when LOCK<7:0> = 0xA5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com