Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9486F Datasheet(PDF) 12 Page - Rohm

Part # BD9486F
Description  1ch Boost up type White LED Driver for large LCD
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9486F Datasheet(HTML) 12 Page - Rohm

Back Button BD9486F_16 Datasheet HTML 8Page - Rohm BD9486F_16 Datasheet HTML 9Page - Rohm BD9486F_16 Datasheet HTML 10Page - Rohm BD9486F_16 Datasheet HTML 11Page - Rohm BD9486F_16 Datasheet HTML 12Page - Rohm BD9486F_16 Datasheet HTML 13Page - Rohm BD9486F_16 Datasheet HTML 14Page - Rohm BD9486F_16 Datasheet HTML 15Page - Rohm BD9486F_16 Datasheet HTML 16Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Datasheet
Datasheet
12/34
TSZ02201-0F1F0C100240-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
15.Feb.2016 Rev.006
www.rohm.com
TSZ22111・15・001
BD9486F
●2.6 Detection Condition List of the Protect Functions (TYP Condition)
Protect Function
Detection
Pin
Detect Condition
Release
Condition
Timer
Operation
Protection Type
Detection
Condition
PWM
SS
FBMAX
FB
FB > 4.0V
H(4clk)
SS>3.7V
FB < 4.0V
CP charge
Latch off
LED OCP
ISENSE
ISENSE > 3.0V
-
-
ISENSE < 3.0V
4clk
Latch off
RT GND SHORT
RT
RT<VRT×90%
-
-
Release
RT=GND
NO
Restart by release
UVLO
UVLO
UVLO<2.7V
-
-
UVLO>3.0V
NO
Restart by release
REG50UVLO
REG50
REG50<2.3V
-
-
REG50>2.6V
NO
Restart by release
VCC UVLO
VCC
VCC<7.2V
-
-
VCC>7.5V
NO
Restart by release
OVP
OVP
OVP>3.0V
-
-
OVP<2.8V
4clk
Latch off
OCP
CS
CS>0.4V
-
-
-
NO
Pulse by Pulse
OCP LATCH
CS
CS>1.0V
-
-
CS<1.0V
4clk
Latch off
To reset the latch type protection, please set STB logic to ‘L’ once. Otherwise the detection of VCCUVLO, REG50UVLO is
required.
The clock number of timer operation corresponds to the boost pulse clock.
●2.7 Behavior List of the Protect Function
Protect Function
Operation of the Protect Function
DC/DC Gate
Output
Dimming Transistor
(DIMOUT) Logic
SS Pin
RT pin
(FAILB logic)
FBMAX
Stops after latch
L after latch
discharge after latch
L after latch
LED OCP
Stops immediately
H immediately, L after latch
discharge after latch
L after latch
RT GND SHORT
Stops immediately
immediately L
Not discharge
-
STB
Stops immediately
L after REG50UVLO
detects
discharge immediately
L after REG50UVLO
detects
UVLO
Stops immediately
immediately L
discharge immediately
H (2.0V)
REG50UVLO
Stops immediately
immediately L
discharge immediately
H (2.0V)
VCC UVLO
Stops immediately
immediately L
discharge immediately
H (2.0V)
OVP
Stops immediately
immediately L
discharge after latch
L after latch
OCP
Stops immediately
Normal operation
Not discharge
H (2.0V)
OCP LATCH
Stops after latch
L after latch
discharge after latch
L after latch
Please refer to section “3.5 Timing Chart” for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com